Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LHEL9553-T10-A01 Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LHEL9553-T10-A01
Description  SURFACE MOUNT LED TAPE AND REEL
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHEL9553-T10-A01 Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LHEL9553-T10-A01 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHEL9553-T10-A01 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHEL9553-T10-A01 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHEL9553-T10-A01 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHEL9553-T10-A01 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHEL9553-T10-A01 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHEL9553-T10-A01 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LHEL9553-T10-A01 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LHEL9553-T10-A01 Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Note : 1.The forward voltage data did not including ±0.1V testing tolerance.
2.The luminous intensity data did not including ±15% testing tolerance.
3.The dominant wavelength data did not including ±1nm testing tolerance
2.6
----
----
630
380
Typical Electrical & Optical Characteristics (Ta=25℃)
Max.
Spectral Line Half-Width
Luminous Intensity
Dominant Wavelength
Items
Viewing Angle
Forward Voltage
----
220
Iv
2θ 1/2
λD
△λ
VF
20
----
1.7
----
120
----
615
----
Symbol
Min.
Typ.
IF=10mA
mcd
IF=10mA
IF=10mA
IF=10mA
IF=10mA
nm
deg
V
nm
CONDITION
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Ratings
Storage Temperature
Reverse Current @5V
Operating Temperature
Electrostatic Discharge
Parameter
Peak Forward Current
Duty 1/11@10KHz
Power Dissipation
Forward Current
Topr
Tstg
ESD
Ir
IFP
PD
Symbol
IF
Absolute Maximum Ratings at Ta=25℃
μA
V
mA
mA
mW
UNIT
Page 3/11
PART NO. LHEL9553/T10-A01
30
60
78
10
2000
-40 ~ + 85
-40 ~ + 100


Similar Part No. - LHEL9553-T10-A01

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LHE05-20A05 MORNSUN-LHE05-20A05 Datasheet
1Mb / 6P
   5W, AC-DC converter
LHE05-20A12 MORNSUN-LHE05-20A12 Datasheet
1Mb / 6P
   5W, AC-DC converter
LHE05-20A15 MORNSUN-LHE05-20A15 Datasheet
1Mb / 6P
   5W, AC-DC converter
LHE05-20B03 MORNSUN-LHE05-20B03 Datasheet
1Mb / 5P
   5W, AC-DC converter
LHE05-20B05 MORNSUN-LHE05-20B05 Datasheet
1Mb / 5P
   5W, AC-DC converter
More results

Similar Description - LHEL9553-T10-A01

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L3WK9Q53-T150-TR1-WW-A02 LIGITEK-L3WK9Q53-T150-TR1-WW-A02 Datasheet
400Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
LDGM9553-TR1-A01 LIGITEK-LDGM9553-TR1-A01 Datasheet
342Kb / 12P
   SURFACE MOUNT LED TAPE AND REEL
LDUV9553Z-TR1 LIGITEK-LDUV9553Z-TR1 Datasheet
402Kb / 12P
   SURFACE MOUNT LED TAPE AND REEL
L3DGM5050-TR1 LIGITEK-L3DGM5050-TR1 Datasheet
258Kb / 11P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-T150-TR1-CW-A01 LIGITEK-L3WK9Q53-T150-TR1-CW-A01 Datasheet
285Kb / 13P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-T150-TR1-NW-A01 LIGITEK-L3WK9Q53-T150-TR1-NW-A01 Datasheet
417Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-P-WW LIGITEK-L3WK9Q53-TR1-P-WW Datasheet
234Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-P-WW-A01 LIGITEK-L3WK9Q53-TR1-P-WW-A01 Datasheet
232Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-WW LIGITEK-L3WK9Q53-TR1-WW Datasheet
406Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L9SEFWK9553 LIGITEK-L9SEFWK9553 Datasheet
352Kb / 15P
   SURFACE MOUNT LED TAPE AND REEL
LDBK9UG9553-R9-B01 LIGITEK-LDBK9UG9553-R9-B01 Datasheet
314Kb / 13P
   SURFACE MOUNT LED TAPE AND REEL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com