Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LG-CN3535HIRR-1-T1A-LSB Datasheet(PDF) 9 Page - LIGITEK electronics co., ltd.

Part # LG-CN3535HIRR-1-T1A-LSB
Description  SURFACE MOUNT LED TAPE AND REEL
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG-CN3535HIRR-1-T1A-LSB Datasheet(HTML) 9 Page - LIGITEK electronics co., ltd.

Back Button LG-CN3535HIRR-1-T1A-LSB Datasheet HTML 5Page - LIGITEK electronics co., ltd. LG-CN3535HIRR-1-T1A-LSB Datasheet HTML 6Page - LIGITEK electronics co., ltd. LG-CN3535HIRR-1-T1A-LSB Datasheet HTML 7Page - LIGITEK electronics co., ltd. LG-CN3535HIRR-1-T1A-LSB Datasheet HTML 8Page - LIGITEK electronics co., ltd. LG-CN3535HIRR-1-T1A-LSB Datasheet HTML 9Page - LIGITEK electronics co., ltd. LG-CN3535HIRR-1-T1A-LSB Datasheet HTML 10Page - LIGITEK electronics co., ltd. LG-CN3535HIRR-1-T1A-LSB Datasheet HTML 11Page - LIGITEK electronics co., ltd. LG-CN3535HIRR-1-T1A-LSB Datasheet HTML 12Page - LIGITEK electronics co., ltd. LG-CN3535HIRR-1-T1A-LSB Datasheet HTML 13Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Label
Packing Specifications
Note : The tolerances unless mentioned is ±0.1mm,Angle± 0.5. Unit=mm.
Carrier Tape Dimensions
Label
Page8/14
Aluminum Moist-Proof bag
Part No.
Description
Quantity/Reel
500 PCS
12.0mm tape,7"reel
LG-CN3535HIRR-1-T1A-LSB
PART NO. LG-CN3535HIRR-1-T1A-LSB
Polarity
4.0
1.5
8
12.0±0.3
3.80
5.5
9.3
2.0
1.75
0.3


Similar Part No. - LG-CN3535HIRR-1-T1A-LSB

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG-CN3535HIRR-1-T1A-LSA LIGITEK-LG-CN3535HIRR-1-T1A-LSA Datasheet
415Kb / 15P
   SURFACE MOUNT LED TAPE AND REEL
More results

Similar Description - LG-CN3535HIRR-1-T1A-LSB

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L3WK9Q53-T150-TR1-WW-A02 LIGITEK-L3WK9Q53-T150-TR1-WW-A02 Datasheet
400Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
LDGM9553-TR1-A01 LIGITEK-LDGM9553-TR1-A01 Datasheet
342Kb / 12P
   SURFACE MOUNT LED TAPE AND REEL
LDUV9553Z-TR1 LIGITEK-LDUV9553Z-TR1 Datasheet
402Kb / 12P
   SURFACE MOUNT LED TAPE AND REEL
L3DGM5050-TR1 LIGITEK-L3DGM5050-TR1 Datasheet
258Kb / 11P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-T150-TR1-CW-A01 LIGITEK-L3WK9Q53-T150-TR1-CW-A01 Datasheet
285Kb / 13P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-T150-TR1-NW-A01 LIGITEK-L3WK9Q53-T150-TR1-NW-A01 Datasheet
417Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-P-WW LIGITEK-L3WK9Q53-TR1-P-WW Datasheet
234Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-P-WW-A01 LIGITEK-L3WK9Q53-TR1-P-WW-A01 Datasheet
232Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-WW LIGITEK-L3WK9Q53-TR1-WW Datasheet
406Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L9SEFWK9553 LIGITEK-L9SEFWK9553 Datasheet
352Kb / 15P
   SURFACE MOUNT LED TAPE AND REEL
LDBK9UG9553-R9-B01 LIGITEK-LDBK9UG9553-R9-B01 Datasheet
314Kb / 13P
   SURFACE MOUNT LED TAPE AND REEL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com