Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALP23A682AB200 Datasheet(PDF) 3 Page - Kemet Corporation

Part # ALP23A682AB200
Description  Pin/Solder Tag/Audio Aluminum Electrolytic Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALP23A682AB200 Datasheet(HTML) 3 Page - Kemet Corporation

  ALP23A682AB200 Datasheet HTML 1Page - Kemet Corporation ALP23A682AB200 Datasheet HTML 2Page - Kemet Corporation ALP23A682AB200 Datasheet HTML 3Page - Kemet Corporation ALP23A682AB200 Datasheet HTML 4Page - Kemet Corporation ALP23A682AB200 Datasheet HTML 5Page - Kemet Corporation ALP23A682AB200 Datasheet HTML 6Page - Kemet Corporation ALP23A682AB200 Datasheet HTML 7Page - Kemet Corporation ALP23A682AB200 Datasheet HTML 8Page - Kemet Corporation ALP23A682AB200 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
A4046_ALP_T22_23 • 8/11/2016
Pin/Solder Tag/Audio Aluminum Electrolytic Capacitors – ALP22 and ALT22/23 Series, +85°C
Test Method & Performance
Endurance Life Test
Conditions
Performance
Temperature
+85°C
Test Duration
5,000 hours
Ripple Current
Maximum ripple current specified in table
Voltage
The sum of DC voltage and the peak AC voltage must not exceed the rated voltage of the capacitor
Performance
The following specifications will be satisfied when the capacitor is tested at +20°C:
Capacitance Change
≤ 100 V
Within 15% of the initial value
> 100 V
Within 10% of the initial value
Equivalent Series Resistance
Does not exceed 200% of the initial value
Leakage Current
Does not exceed leakage current limit
Dimensions – Millimeters (ALP)
D
L
Insulated Sleeve
S
Optional Mounting Stud
(MS)
LL
ALT
D
L
Insulated Sleeve
LL
3 Maximum
D
L
Insulated Sleeve
LL
3 Maximum
D
L
Insulated Sleeve
LL
3 Maximum
D
L
Insulated Sleeve
LL
3 Maximum
ALP
(D = 25)
ALP
(D = 30)
ALP
(D = 35)
ALP
(D = 40)
Size Code
Dimensions in mm
Approximate
Weight
Grams
D
L
LL
±1
±2
±0.5
AB
25
45
7.5
30
BB
30
45
7.5
50
CB
35
45
7.5
65
CD
35
55
7.5
75
DB
40
45
7.5
80
DD
40
55
7.5
95
DE
40
75
7.5
125
DF
40
105
7.5
170
Note: Dimensions include sleeving


Similar Part No. - ALP23A682AB200

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ALP230CCX SANYO-ALP230CCX Datasheet
647Kb / 8P
   Low-Temperature Polysilicon 2.0-inch TFT LCD Module
ALP230CGX SANYO-ALP230CGX Datasheet
644Kb / 8P
   Low-Temperature Polysilicon 2.0-inch TFT LCD Module
ALP230CXX SANYO-ALP230CXX Datasheet
643Kb / 8P
   Low-Temperature Polysilicon 2.0-inch TFT LCD Module
ALP234FCX SANYO-ALP234FCX Datasheet
645Kb / 8P
   Low-Temperature Polysilicon 2.5-inch TFT LCD Module
ALP234FXX SANYO-ALP234FXX Datasheet
631Kb / 8P
   Low-Temperature Polysilicon 2.5-inch TFT LCD Module
More results

Similar Description - ALP23A682AB200

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALN20S KEMET-ALN20S Datasheet
418Kb / 2P
   4 Pin Solder tag
logo
List of Unclassifed Man...
RBD-10V102MI5 ETC2-RBD-10V102MI5 Datasheet
181Kb / 1P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO
R2O-25V101MF3 ETC2-R2O-25V101MF3 Datasheet
181Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO
RFS-25V101MH4 ETC2-RFS-25V101MH4 Datasheet
120Kb / 1P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO
RFO-25V101MF3 ETC2-RFO-25V101MF3 Datasheet
86Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO
logo
Taiyo Yuden (U.S.A.), I...
RFS-100V101MJ6 TAIYO-YUDEN-RFS-100V101MJ6 Datasheet
256Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RFS]
RFS-100V221MK9 TAIYO-YUDEN-RFS-100V221MK9 Datasheet
256Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RFS]
logo
List of Unclassifed Man...
ROB-6V330ME3 ETC2-ROB-6V330ME3 Datasheet
116Kb / 4P
   ROB Miniature Aluminum Electrolytic Capacitors For Audio
logo
Taiyo Yuden (U.S.A.), I...
RFS-100V330MI5 TAIYO-YUDEN-RFS-100V330MI5 Datasheet
256Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RFS]
RFS-100V470MI6 TAIYO-YUDEN-RFS-100V470MI6 Datasheet
256Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RFS]
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com