Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1210C333KBRACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1210C333KBRACTU
Description  Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 0.033 uF, /-10% Tol, 630 V, X7R, 1210 (3225 metric)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1210C333KBRACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C1210C333KBRACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 11/22/2016 - 8b72562b-b390-4fac-aa0b-e4bbe102541c
KEMET Part Number: C1210C333KBRACTU
(C1210C333KBRAC7800)
Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 0.033 uF, +/-10% Tol, 630 V, X7R, 1210 (3225 metric)
Dimensions (mm)
Symbol
Dimension
Tolerance
L
3.2
+/-0.2
W
2.5
+/-0.2
T
1.25
+/-0.15
B
0.5
+/-0.25
Packaging Specifications
Package Kind: T&R
Package Size: 7 in/180 mm
Package Type: Plastic Tape
Package Quantity: 2500
General Information
Supplier: KEMET
Application: Standard Chip
Chip Size: 1210 (3225 metric)
Temperature Coefficient: X7R
Part Type Description: SMD, MLCC, High Voltage,
Temperature Stable
Termination Type: Tin (Sn)
Marked: No
RoHS: Yes
Specifications
Capacitance: 0.033 uF
Voltage: 630 V
Tolerance: +/-10%
Temperature Range: -55/+125C
Dissipation Factor: 2.5%
Failure Rate: N/A
Aging Rate: 3% loss/decade hour
Insulation Resistance: 3.03 GOhm
Dielectric Strength: 945 V
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
1000 hours
© 2006-2016 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C1210C333KBRACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210C333KBRACAUTO KEMET-C1210C333KBRACAUTO Datasheet
72Kb / 1P
   SMD Auto X7R HV, Ceramic, 0.033 uF, 10%, 630 V, X7R, SMD, MLCC, High Voltage, Temperature Stable, Automotive Grade, 1210
More results

Similar Description - C1210C333KBRACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210C273KBRACTU KEMET-C1210C273KBRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 0.027 uF, /-10% Tol, 630 V, X7R, 1210 (3225 metric)
C1210C104KBRACTU KEMET-C1210C104KBRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 0.1 uF, /-10% Tol, 630 V, X7R, 1210 (3225 metric)
C1210C103KBRACTU KEMET-C1210C103KBRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 0.01 uF, /-10% Tol, 630 V, X7R, 1210 (3225 metric)
C1210C223KBRACTU KEMET-C1210C223KBRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 0.022 uF, /-10% Tol, 630 V, X7R, 1210 (3225 metric)
C1210C473KBRACTU KEMET-C1210C473KBRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 0.047 uF, /-10% Tol, 630 V, X7R, 1210 (3225 metric)
C1210C223KFRACTU KEMET-C1210C223KFRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 0.022 uF, /-10% Tol, 1500 V, X7R, 1210 (3225 metric)
C1210C103KDRACTU KEMET-C1210C103KDRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 0.01 uF, /-10% Tol, 1000 V, X7R, 1210 (3225 metric)
C1210C104KCRACTU KEMET-C1210C104KCRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 0.1 uF, /-10% Tol, 500 V, X7R, 1210 (3225 metric)
C1210C223KDRACTU KEMET-C1210C223KDRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 0.022 uF, /-10% Tol, 1000 V, X7R, 1210 (3225 metric)
C1210C153KDRACTU KEMET-C1210C153KDRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 0.015 uF, /-10% Tol, 1000 V, X7R, 1210 (3225 metric)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com