Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LG-5630WKZ-DT-2-WW-D01 Datasheet(PDF) 10 Page - LIGITEK electronics co., ltd.

Part # LG-5630WKZ-DT-2-WW-D01
Description  0.6W Power Light LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG-5630WKZ-DT-2-WW-D01 Datasheet(HTML) 10 Page - LIGITEK electronics co., ltd.

Back Button LG-5630WKZ-DT-2-WW-D01 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-2-WW-D01 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-2-WW-D01 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-2-WW-D01 Datasheet HTML 9Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-2-WW-D01 Datasheet HTML 10Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-2-WW-D01 Datasheet HTML 11Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-2-WW-D01 Datasheet HTML 12Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-2-WW-D01 Datasheet HTML 13Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-2-WW-D01 Datasheet HTML 14Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
9/15
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Forward Voltage(V)
Fig.1 Forward current vs. Forward Voltage
2.5
3.0
0
4.5
4.0
3.5
40
80
120
160
2.0
Fig.2 Forward current vs.Luminous Intensity
0
30
0.2
60
90
120
150
0.4
0.6
0.8
1.0
1.2


Similar Part No. - LG-5630WKZ-DT-2-WW-D01

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG-5630WKZ-DT-2-CW-D01 LIGITEK-LG-5630WKZ-DT-2-CW-D01 Datasheet
320Kb / 16P
   0.6W Power Light LED
LG-5630WKZ-DT-2-P-NW-D01 LIGITEK-LG-5630WKZ-DT-2-P-NW-D01 Datasheet
311Kb / 16P
   0.45W Power Light LED
LG-5630WKZ-DT-2-P-WW-D01 LIGITEK-LG-5630WKZ-DT-2-P-WW-D01 Datasheet
344Kb / 16P
   0.4W Power Light LED
More results

Similar Description - LG-5630WKZ-DT-2-WW-D01

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG-5630WKZ-DT-2-CW-D01 LIGITEK-LG-5630WKZ-DT-2-CW-D01 Datasheet
320Kb / 16P
   0.6W Power Light LED
LGXW-521E-TR1-D01 LIGITEK-LGXW-521E-TR1-D01 Datasheet
213Kb / 14P
   0.6W Power Light LED
LG-5630WKZ-DT-1-WW-D01 LIGITEK-LG-5630WKZ-DT-1-WW-D01 Datasheet
335Kb / 16P
   0.6W Power Light LED
logo
Unisonic Technologies
TA7368P UTC-TA7368P Datasheet
211Kb / 7P
   0.6W AUDIO POWER AMPLIFIER
TA7368P UTC-TA7368P_10 Datasheet
220Kb / 7P
   0.6W AUDIO POWER AMPLIFIER
UTCTA7368P UTC-UTCTA7368P Datasheet
27Kb / 3P
   0.6W AUDIO POWER AMPLIFIER
TA7368P UTC-TA7368P_15 Datasheet
261Kb / 7P
   0.6W AUDIO POWER AMPLIFIER
logo
Tyco Electronics
MAAPGM0026-DIE MACOM-MAAPGM0026-DIE Datasheet
186Kb / 5P
   Amplifier, Power, 0.6W 1.5-3.3 GHz
logo
Visual Communications C...
VAOP-EWS-1 VCC-VAOP-EWS-1 Datasheet
1Mb / 9P
   Power Light LED
VAOP-EWS-3 VCC-VAOP-EWS-3 Datasheet
1Mb / 9P
   Power Light LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com