Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALT23A682AB450 Datasheet(PDF) 4 Page - Kemet Corporation

Part # ALT23A682AB450
Description  Pin/Solder Tag/Audio Aluminum Electrolytic Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALT23A682AB450 Datasheet(HTML) 4 Page - Kemet Corporation

  ALT23A682AB450 Datasheet HTML 1Page - Kemet Corporation ALT23A682AB450 Datasheet HTML 2Page - Kemet Corporation ALT23A682AB450 Datasheet HTML 3Page - Kemet Corporation ALT23A682AB450 Datasheet HTML 4Page - Kemet Corporation ALT23A682AB450 Datasheet HTML 5Page - Kemet Corporation ALT23A682AB450 Datasheet HTML 6Page - Kemet Corporation ALT23A682AB450 Datasheet HTML 7Page - Kemet Corporation ALT23A682AB450 Datasheet HTML 8Page - Kemet Corporation ALT23A682AB450 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
A4046_ALP_T22_23 • 8/11/2016
Pin/Solder Tag/Audio Aluminum Electrolytic Capacitors – ALP22 and ALT22/23 Series, +85°C
Dimensions – Millimeters (ALT)
D
L
Insulated Sleeve
S
Optional Mounting Stud
(MS)
LL
ALT
D
L
Insulated Sleeve
LL
3 Maximum
D
L
Insulated Sleeve
LL
3 Maximum
D
L
Insulated Sleeve
LL
3 Maximum
D
L
Insulated Sleeve
LL
3 Maximum
ALP
(D = 25)
ALP
(D = 30)
ALP
(D = 35)
ALP
(D = 40)
Size Code
Dimensions in mm
Mounting
Stud (M x H)
Mounting
Clip
Approximate
Weight
Grams
D
L
S
LL
±1
±2
±0.5
±1
Nominal
AA
25
35
10
10
M8 x 12
V2/H1
30
AB
25
45
10
10
M8 x 12
V2/H1
39
BB
30
45
10
10
M8 x 12
50
CB
35
45
10
10
M8 x 12
V3/H2
65
CD
35
55
10
10
M8 x 12
V3/H2
75
DB
40
45
10
10
M8 x 12
V9
80
DD
40
55
10
10
M8 x 12
V9
95
DE
40
75
10
10
M8 x 12
V9
125
DF
40
105
10
10
M8 x 12
V9
170
Note: Dimensions include sleeving


Similar Part No. - ALT23A682AB450

ManufacturerPart #DatasheetDescription
logo
Littelfuse
ALT230-S LITTELFUSE-ALT230-S Datasheet
234Kb / 2P
   8-pin Plug-in Alternating Relay
2019 Rev: 2-C-043019
ALT230-S-SW LITTELFUSE-ALT230-S-SW Datasheet
234Kb / 2P
   8-pin Plug-in Alternating Relay
2019 Rev: 2-C-043019
ALT230-X LITTELFUSE-ALT230-X Datasheet
234Kb / 2P
   8-pin Plug-in Alternating Relay
2019 Rev: 2-C-043019
ALT230-X-SW LITTELFUSE-ALT230-X-SW Datasheet
234Kb / 2P
   8-pin Plug-in Alternating Relay
2019 Rev: 2-C-043019
More results

Similar Description - ALT23A682AB450

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALN20S KEMET-ALN20S Datasheet
418Kb / 2P
   4 Pin Solder tag
logo
List of Unclassifed Man...
RBD-10V102MI5 ETC2-RBD-10V102MI5 Datasheet
181Kb / 1P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO
R2O-25V101MF3 ETC2-R2O-25V101MF3 Datasheet
181Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO
RFS-25V101MH4 ETC2-RFS-25V101MH4 Datasheet
120Kb / 1P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO
RFO-25V101MF3 ETC2-RFO-25V101MF3 Datasheet
86Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO
logo
Taiyo Yuden (U.S.A.), I...
RFS-100V101MJ6 TAIYO-YUDEN-RFS-100V101MJ6 Datasheet
256Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RFS]
RFS-100V221MK9 TAIYO-YUDEN-RFS-100V221MK9 Datasheet
256Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RFS]
logo
List of Unclassifed Man...
ROB-6V330ME3 ETC2-ROB-6V330ME3 Datasheet
116Kb / 4P
   ROB Miniature Aluminum Electrolytic Capacitors For Audio
logo
Taiyo Yuden (U.S.A.), I...
RFS-100V330MI5 TAIYO-YUDEN-RFS-100V330MI5 Datasheet
256Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RFS]
RFS-100V470MI6 TAIYO-YUDEN-RFS-100V470MI6 Datasheet
256Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RFS]
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com