Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LG-5630WKZ-DT-1-WW-D04 Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LG-5630WKZ-DT-1-WW-D04
Description  0.2W Power Light LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG-5630WKZ-DT-1-WW-D04 Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

Back Button LG-5630WKZ-DT-1-WW-D04 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-WW-D04 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-WW-D04 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-WW-D04 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-WW-D04 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-WW-D04 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-WW-D04 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-WW-D04 Datasheet HTML 9Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-WW-D04 Datasheet HTML 10Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
5/15
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Bin Code Description
3.0-3.2
3.4-3.6
3.2-3.4
Luminous Intensity
(Lm)
@IF=60mA
Bin
Code
Max.
Min.
Forward Voltage(V)
@IF=60mA
Color Rank
@IF=60mA
2.8-3.0
2.8-3.0
Bin Code
F13
Luminous
Intensity
3.0-3.2
Forward
Voltage
CIE
F16
F15
15
16
F14
14
15
16
17
NN-MO
NO
F13
13
14
F12
12
13


Similar Part No. - LG-5630WKZ-DT-1-WW-D04

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG-5630WKZ-DT-1-WW-D01 LIGITEK-LG-5630WKZ-DT-1-WW-D01 Datasheet
335Kb / 16P
   0.6W Power Light LED
LG-5630WKZ-DT-1-WW-D02 LIGITEK-LG-5630WKZ-DT-1-WW-D02 Datasheet
389Kb / 16P
   0.4W Power Light LED
LG-5630WKZ-DT-1-WW-D03 LIGITEK-LG-5630WKZ-DT-1-WW-D03 Datasheet
312Kb / 16P
   0.4W Power Light LED
More results

Similar Description - LG-5630WKZ-DT-1-WW-D04

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG-5630WK-1-T60-C-D711 LIGITEK-LG-5630WK-1-T60-C-D711 Datasheet
329Kb / 16P
   0.2W Power Light LED
LG-5630WK-1-T60-W-D711 LIGITEK-LG-5630WK-1-T60-W-D711 Datasheet
434Kb / 16P
   0.2W Power Light LED
LG-5630WK-DT-1-T60-P-XX LIGITEK-LG-5630WK-DT-1-T60-P-XX Datasheet
333Kb / 18P
   0.2W Power Light LED
LG-5630WK-1-T60-P-X-DXXX LIGITEK-LG-5630WK-1-T60-P-X-DXXX Datasheet
373Kb / 17P
   0.2W Power Light LED
LG-4014WKZ-DT-P-A02 LIGITEK-LG-4014WKZ-DT-P-A02 Datasheet
344Kb / 16P
   0.2W Power Light LED
LG-4014WK-DT-P-A07 LIGITEK-LG-4014WK-DT-P-A07 Datasheet
372Kb / 16P
   0.2W Power Light LED
LG-5630DBKZ-1-T60-A01 LIGITEK-LG-5630DBKZ-1-T60-A01 Datasheet
419Kb / 18P
   0.2W Power Light LED
LG-5630WK-DT-1-T60-XX LIGITEK-LG-5630WK-DT-1-T60-XX Datasheet
419Kb / 18P
   0.2W Power Light LED
LG-5630WKZ-1-P-N-D901 LIGITEK-LG-5630WKZ-1-P-N-D901 Datasheet
371Kb / 16P
   0.2W Power Light LED
LG-4014WK-DT-P-A02 LIGITEK-LG-4014WK-DT-P-A02 Datasheet
427Kb / 16P
   0.2W Power Light LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com