Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA746 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MA746
Description  Silicon epitaxial planar type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA746 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MA746 Datasheet HTML 1Page - Panasonic Semiconductor MA746 Datasheet HTML 2Page - Panasonic Semiconductor MA746 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
MA4X746
SKH00107AED
IF  VF
IR  VR
VF  Ta
IR  Ta
Ct  VR
10−2
0
0.1
0.2
0.3
0.4
0.5
0.6
10−1
1
10
102
103
Forward voltage V
F (V)
Ta
= 150°C
−20°C
100
°C
25
°C
1
0
1020304050
60
10
102
103
104
105
Reverse voltage V
R (V)
Ta
= 150°C
100
°C
25
°C
0
0.1
0.2
0.3
0.4
0.5
−40
0
40
80
120
160
200
Ambient temperature T
a (°C)
IF
= 200 mA
100 mA
30 mA
1
−40
0
40
80
120
160
200
10
102
103
104
105
Ambient temperature T
a (°C)
VR = 30 V
5 V
0
30
25
20
15
10
5
0
1020304050
60
Reverse voltage V
R (V)
f
= 1 MHz
Ta
= 25°C


Similar Part No. - MA746

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA740 PANASONIC-MA740 Datasheet
46Kb / 2P
   Silicon epitaxial planar type
logo
NXP Semiconductors
MA741 PHILIPS-MA741 Datasheet
102Kb / 7P
   General purpose operational amplifier
1994 Aug 31
logo
Texas Instruments
mA741 TI-mA741 Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
MA741.B.BI-.001 ETC2-MA741.B.BI-.001 Datasheet
2Mb / 20P
   Pantheon Antenna 2in1 MA.741
logo
Taoglas antenna solutio...
MA741.B.BI.001 TAOGLAS-MA741.B.BI.001 Datasheet
2Mb / 20P
   IP67 Waterproof
More results

Similar Description - MA746

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
MA2SD24 PANASONIC-MA2SD24 Datasheet
77Kb / 3P
   Silicon epitaxial planar type
MA3S795E PANASONIC-MA3S795E Datasheet
46Kb / 2P
   Silicon epitaxial planar type
MA3X075E PANASONIC-MA3X075E Datasheet
41Kb / 2P
   Silicon epitaxial planar type
MA3X199 PANASONIC-MA3X199 Datasheet
46Kb / 2P
   Silicon epitaxial planar type
MA3X789 PANASONIC-MA3X789 Datasheet
45Kb / 2P
   Silicon epitaxial planar type
MA3ZD12 PANASONIC-MA3ZD12 Datasheet
40Kb / 2P
   Silicon epitaxial planar type
MA2Q739 PANASONIC-MA2Q739 Datasheet
44Kb / 2P
   Silicon epitaxial planar type
MA2X073 PANASONIC-MA2X073 Datasheet
39Kb / 2P
   Silicon epitaxial planar type
MA2X334 PANASONIC-MA2X334 Datasheet
45Kb / 3P
   Silicon epitaxial planar type
MA3J142A PANASONIC-MA3J142A Datasheet
47Kb / 2P
   Silicon epitaxial planar type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com