Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M378T6553BG0-CC Datasheet(PDF) 8 Page - Samsung semiconductor

Part # M378T6553BG0-CC
Description  DDR2 Unbuffered SDRAM MODULE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M378T6553BG0-CC Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button M378T6553BG0-CC Datasheet HTML 4Page - Samsung semiconductor M378T6553BG0-CC Datasheet HTML 5Page - Samsung semiconductor M378T6553BG0-CC Datasheet HTML 6Page - Samsung semiconductor M378T6553BG0-CC Datasheet HTML 7Page - Samsung semiconductor M378T6553BG0-CC Datasheet HTML 8Page - Samsung semiconductor M378T6553BG0-CC Datasheet HTML 9Page - Samsung semiconductor M378T6553BG0-CC Datasheet HTML 10Page - Samsung semiconductor M378T6553BG0-CC Datasheet HTML 11Page - Samsung semiconductor M378T6553BG0-CC Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Rev. 1.2 Jan. 2005
256MB,512MB,1GB Unbuffered DIMMs
DDR2 SDRAM
S0
DQS0
DQS0
DM0
DM
CS
DQS DQS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D0
DQS1
DQS1
DM1
DM
CS
DQS DQS
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D1
DQS2
DQS2
DM2
DM
CS
DQS DQS
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D2
DQS3
DQS3
DM3
DM
CS
DQS DQS
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D3
DQS4
DQS4
DM4
DM
CS
DQS DQS
DQ32
DQ33
DQ34
DQ35
DQ36
DQ37
DQ38
DQ39
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D4
DQS5
DQS5
DM5
DM
CS
DQS DQS
DQ40
DQ41
DQ42
DQ43
DQ44
DQ45
DQ46
DQ47
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D5
DQS6
DQS6
DM6
DM
CS
DQS DQS
DQ48
DQ49
DQ50
DQ51
DQ52
DQ53
DQ54
DQ55
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D6
DQS7
DQS7
DM7
DM
CS
DQS DQS
DQ56
DQ57
DQ58
DQ59
DQ60
DQ61
DQ62
DQ63
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D7
Notes :
1. DQ,DM, DQS/DQS resistors : 22 Ohms
± 5%.
2. BAx, Ax, RAS, CAS, WE resistors : 3 Ohms
± 5%.
Functional Block Diagram: 1GB, 128Mx64 Module(Populated as 2 ranks of x8 DDR2 SDRAMs)
A0
Serial PD
A1
A2
SA0
SA1
SA2
SCL
SDA
WP
*Wire per Clock Loading
Table/Wiring Diagrams
* Clock Wiring
Clock
Input
DDR2 SDRAMs
*CK0/CK0
*CK1/CK1
*CK2/CK2
4 DDR2 SDRAMs
6 DDR2 SDRAMs
6 DDR2 SDRAMs
VSS
D0 - D15
VDD/VDDQ
D0 - D15
D0 - D15
VREF
VDDSPD
Serial PD
A0 - A13
A0-A13 : DDR2 SDRAMs D0 - D15
WE
WE : DDR2 SDRAMs D0 - D15
CKE1
CKE : DDR2 SDRAMs D8 - D15
BA0 - BA1
BA0-BA1 : DDR2 SDRAMs D0 - D15
ODT0
ODT : DDR2 SDRAMs D0 - D7
DM
CS
DQS DQS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D8
DM
CS
DQS DQS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D9
DM
CS
DQS DQS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D10
DM
CS
DQS DQS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D11
DM
CS
DQS DQS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D12
DM
CS
DQS DQS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D13
DM
CS
DQS DQS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D14
DM
CS
DQS DQS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D15
S1
CKE0
CKE : DDR2 SDRAMs D0 - D7
RAS
RAS : DDR2 SDRAMs D0 - D15
CAS
CAS : DDR2 SDRAMs D0 - D15
ODT1
ODT : DDR2 SDRAMs D8 - D15
M378T2953BG(Z)0


Similar Part No. - M378T6553BG0-CC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M378T6553BGZ0-CD5/CC SAMSUNG-M378T6553BGZ0-CD5/CC Datasheet
466Kb / 22P
   240pin Unbuffered Module based on 512Mb B-die 64/72-bit Non-ECC/ECC
M378T6553BGZ3-CD5/CC SAMSUNG-M378T6553BGZ3-CD5/CC Datasheet
466Kb / 22P
   240pin Unbuffered Module based on 512Mb B-die 64/72-bit Non-ECC/ECC
More results

Similar Description - M378T6553BG0-CC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M378T6453FZ0 SAMSUNG-M378T6453FZ0 Datasheet
382Kb / 20P
   DDR2 Unbuffered SDRAM MODULE
M378T3253FGZ3-CE6 SAMSUNG-M378T3253FGZ3-CE6 Datasheet
382Kb / 20P
   DDR2 Unbuffered SDRAM MODULE
logo
Micron Technology
MT16HTF6464AY MICRON-MT16HTF6464AY Datasheet
420Kb / 21P
   DDR2 SDRAM Unbuffered DIMM
MT16HTF12864AY MICRON-MT16HTF12864AY Datasheet
420Kb / 21P
   DDR2 SDRAM Unbuffered DIMM
logo
White Electronic Design...
WV3HG264M64EEU-D4 WEDC-WV3HG264M64EEU-D4 Datasheet
197Kb / 11P
   1GB - 2x64Mx64 DDR2 SDRAM UNBUFFERED
WV3HG264M72EEU-D6 WEDC-WV3HG264M72EEU-D6 Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
logo
Elpida Memory
EBE10UE8AEFA ELPIDA-EBE10UE8AEFA Datasheet
241Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11ED8AJWA ELPIDA-EBE11ED8AJWA Datasheet
255Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
logo
White Electronic Design...
WV3HG2128M64EEU-D6 WEDC-WV3HG2128M64EEU-D6 Datasheet
191Kb / 11P
   2GB - 2x128Mx64 DDR2 SDRAM UNBUFFERED
WV3HG2128M64EEU-D4 WEDC-WV3HG2128M64EEU-D4 Datasheet
199Kb / 11P
   2GB - 2x128Mx64 DDR2 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com