Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM108AH Datasheet(PDF) 6 Page - C-Media Electronics

Part # CM108AH
Description  Highly Integrated USB Audio I/O Controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

CM108AH Datasheet(HTML) 6 Page - C-Media Electronics

Back Button CM108AH Datasheet HTML 2Page - C-Media Electronics CM108AH Datasheet HTML 3Page - C-Media Electronics CM108AH Datasheet HTML 4Page - C-Media Electronics CM108AH Datasheet HTML 5Page - C-Media Electronics CM108AH Datasheet HTML 6Page - C-Media Electronics CM108AH Datasheet HTML 7Page - C-Media Electronics CM108AH Datasheet HTML 8Page - C-Media Electronics CM108AH Datasheet HTML 9Page - C-Media Electronics CM108AH Datasheet HTML 10Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
CM108AH
Highly Integrated USB Audio I/O Controller
www.cmedia.com.tw
Copyright© C-Media Electronics Inc.
Rev. 2.1︱ Page 6/27
3.3
Pin Signal Descriptions
Pin #
Symbol
Type
Description
1
SPDIFO
DO, 8mA, SR
SPDIF output
2
DI
DIO, 8mA,
PD, 5VT
EEPROM interface data read from EEPROM
3
DO
DO, 4mA, SR
EEPROM interface data write to EEPROM
4
SK
DO, 4mA, SR
EEPROM interface clock
5
CS
DO, 4mA, SR
EEPROM interface chip select
6
MUTER
DI, ST, PU
Mute recording (edge trigger with de-bouncing)
7
PWRSEL
DI, ST
Chip power select pin, worked by MODE Pin
Speaker mode – H: 100mA self-powered
L: 500mA Bus-powered
Headset mode – H: 100mA Bus-powered,
L: 500mA Bus-powered
(H: push up to 3.3V, L: push down to ground)
8
XI
DI
Input pin for 12MHz oscillator
9
XO
DO
Output pin for 12MHz oscillator
10
MODE
DI, ST
Operating mode selection
H: speaker mode - playback only
L: headset mode - playback & recording
(H: push up to 3.3V, L: pull down to ground)
11
N.C.
12
LEDO
DO, SR, 8mA
LED operation light: output H for power on, toggling for data transmit
13
GPIO3
DIO, 8mA,
PD, 5VT
GPIO pin
14
DVSS1
P
Digital ground
15
GPIO4
DIO, 8mA,
PD, 5VT
GPIO pin
16
SDIN
DIO, 8mA,
PD, 5VT
ADC I2S data input
17
ADSCLK
DIO, 4mA, SR ADC I2S serial clock
18
MUTEP
DI, ST, PU
Mute playback (edge trigger with de-bouncing)
19
ADLRCK
DO, 4mA, SR
ADC I2S left/right clock
20
ADMCLK
DIO, 4mA, SR
11.2896MHz output for 44.1KHz sampled data and
12.288MHz output for 48KHz sampled data
21
LEDR
DO, SR, 8mA
LED for mute recording indicator, output H when recording is muted
22
ADSEL
DI, ST, PD
ADC input source select pin
H: use external (via I2S) ADC
L: use internal ADC
(H: push up to 3.3V, L: push down to ground)
23
TEST
DI, ST, PD
Test mode select pin,
H: test mode
L: normal operation
(H: push up to 3.3V, L: push down to ground)
24
AVSS1
P
Analog ground
25
VBIAS
AO
Microphone bias voltage supply (4.5V), with small driving capability
26
VREF
AO
Connecting to external decoupling capacitor for embedded bandgap
circuit, 2.25V output
27
MICIN
AI
Microphone input
28
N.C.
29
AVDD1
P
5V analog power for analog circuit
30
LOL
AO
Line out: left channel
31
LOBS
AO
DC 2.25V output for line out bias
32
LOR
AO
Line out: right channel
33
AVSS2
P
Analog ground


Similar Part No. - CM108AH

ManufacturerPart #DatasheetDescription
logo
C-Media Electronics
CM108 CMEDIA-CM108 Datasheet
500Kb / 29P
   USB Audio I/O Controller
logo
Chicago Miniature Lamp,...
CM1080 CML-CM1080 Datasheet
218Kb / 1P
   S-8 Double Contact Bayonet Base
logo
Visual Communications C...
CM1080 VCC-CM1080 Datasheet
31Kb / 1P
   Double Contact Bayonet Base
logo
List of Unclassifed Man...
CM1084 ETC-CM1084 Datasheet
191Kb / 7P
   5.0 AMP POSITIVE VOLTAGE REGULATOR
CM1084CN220 ETC-CM1084CN220 Datasheet
191Kb / 7P
   5.0 AMP POSITIVE VOLTAGE REGULATOR
More results

Similar Description - CM108AH

ManufacturerPart #DatasheetDescription
logo
C-Media Electronics
MCM6206 CMEDIA-MCM6206 Datasheet
477Kb / 4P
   High Integrated USB Audio I/O Controller
logo
C&K Components
CM6206-LX CK-COMPONENTS-CM6206-LX Datasheet
1Mb / 33P
   High Integrated USB Audio I/O Controller
logo
C-Media Electronics
CM6206LX CMEDIA-CM6206LX Datasheet
1Mb / 33P
   High Integrated USB Audio I/O Controller
CM6206 CMEDIA-CM6206 Datasheet
1Mb / 35P
   High Integrated USB Audio I/O Controller
CM108 CMEDIA-CM108 Datasheet
500Kb / 29P
   USB Audio I/O Controller
CM106F++ CMEDIA-CM106F+ Datasheet
1Mb / 41P
   USB Audio I/O Controller
CM109 CMEDIA-CM109 Datasheet
602Kb / 36P
   USB I/O Controller
CM108B CMEDIA-CM108B Datasheet
561Kb / 24P
   A Highly Integrated USB Audio Single Chip
CM118B CMEDIA-CM118B Datasheet
605Kb / 25P
   Highly Integrated & Configurable USB Audio Single Chip
CM119B CMEDIA-CM119B Datasheet
473Kb / 29P
   A Highly Integrated USB Audio Single Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com