Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1937 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1937
Description  Two-Phase Desktop CPU Core Supply Controllers with Controlled VID Change
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1937 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1937 Datasheet HTML 1Page - Maxim Integrated Products MAX1937 Datasheet HTML 2Page - Maxim Integrated Products MAX1937 Datasheet HTML 3Page - Maxim Integrated Products MAX1937 Datasheet HTML 4Page - Maxim Integrated Products MAX1937 Datasheet HTML 5Page - Maxim Integrated Products MAX1937 Datasheet HTML 6Page - Maxim Integrated Products MAX1937 Datasheet HTML 7Page - Maxim Integrated Products MAX1937 Datasheet HTML 8Page - Maxim Integrated Products MAX1937 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Two-Phase Desktop CPU Core Supply Controllers
with Controlled VID Change
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ............................................................-0.3V to +28V
VDD, PWRGD, ILIM, FB to GND ...............................-0.3V to +6V
EN, GNDS, VPOS, REF, VID_,
TIME to GND ............................................0.3V to VVDD + 0.3V
PGND to GND .......................................................-0.3V to +0.3V
CS1, CS2 to GND ......................................................-2V to +28V
VLG to GND..............................................................-0.3V to +7V
BST1, BST2 to GND ...............................................-0.3V to +35V
LX1 to BST1..............................................................-7V to +0.3V
LX2 to BST2..............................................................-7V to +0.3V
DH1 to LX1.................................................-0.3V to VBST1 + 0.3V
DH2 to LX2.................................................-0.3V to VBST2 + 0.3V
DL1, DL2 to PGND ......................................-0.3V to VVLG + 0.3V
Continuous Power Dissipation (TA = +70°C)
28-Pin QSOP (derate 20.8mW/°C above +70°C)......860.2mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VCC = 12V, VEN = VVDD = 5V, PGND = GNDS = GND = 0, VID_ = GND, CVPOS = 47pF, CREF = 0.1µF, VILIM = 1V, TA = 0°C to
+85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL
MAX1937
6
24
VCC Operating Range
MAX1938/MAX1939
8
24
V
VDD Operating Range
4.5
5
5.5
V
VLG Operating Range
VVLG > VVDD
4.5
6.5
V
VCC Operating Supply Current
FB above threshold (no switching)
20
40
µA
VDD Operating Supply Current
FB above threshold (no switching)
1.4
2.5
mA
VLG Operating Supply Current
FB above threshold (no switching)
20
60
µA
VCC Shutdown Current
EN = GND
<1
5
µA
VDD Shutdown Current
EN = GND, VID_ not connected
50
100
µA
VLG Shutdown Current
EN = GND
<1
5
µA
TIME Output Voltage
1.96
2.00
2.04
V
ILIM Input Bias
VILIM = 1.5V
-250
+250
nA
VPOS Output Voltage
CS_= GND, VPOS connected to REF through a 75k
resistor
1.96
2.0
2.04
V
REFERENCE
Reference Voltage
-50µA
≤ IREF ≤ 50µA
1.987
2.000
2.013
V
SOFT-START
MAX1937
1.1
5.5
MAX1938
1.5
6.2
Ramp Period
MAX1939
1.3
6.5
ms
Soft-Start Voltage Step
25
mV
ERROR AMPLIFIER
FB Input Resistance
Resistance from FB to GND
180
k
GNDS Input Bias Current
-5
+5
µA
Output Regulation Voltage
Accuracy
-0.75
+0.75
%


Similar Part No. - MAX1937

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1937 MAXIM-MAX1937 Datasheet
508Kb / 9P
   a fully tested and assembled power supply Evaluation Kit
Rev 1; 5/07
More results

Similar Description - MAX1937

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9241A RICHTEK-RT9241A Datasheet
300Kb / 17P
   Two-Phase DC/DC Controller for CPU Core Power Supply
logo
List of Unclassifed Man...
RT9241 ETC-RT9241 Datasheet
268Kb / 13P
   Two-Phase DC/DC Controller for CPU Core Power Supply
logo
Intersil Corporation
ISL6266AHRZ INTERSIL-ISL6266AHRZ Datasheet
657Kb / 30P
   Two-phase Core Controllers (Montevina, IMVP-6)
ISL6266HRZ INTERSIL-ISL6266HRZ Datasheet
802Kb / 31P
   Two-phase Core Controllers(Montevina, IMVP-6)
August 25, 2015
logo
Renesas Technology Corp
ISL6266 RENESAS-ISL6266 Datasheet
1Mb / 31P
   Two-phase Core Controllers (Montevina, IMVP-6)
logo
Richtek Technology Corp...
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CE RICHTEK-RT3607CE Datasheet
959Kb / 69P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT8859M RICHTEK-RT8859M_14 Datasheet
729Kb / 51P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT8884C RICHTEK-RT8884C Datasheet
692Kb / 46P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9246A RICHTEK-RT9246A Datasheet
281Kb / 16P
   Multi-Phase PWM Controller for CPU Core Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com