Electronic Components Datasheet Search |
|
CM6533N Datasheet(PDF) 6 Page - C-Media Electronics |
|
CM6533N Datasheet(HTML) 6 Page - C-Media Electronics |
6 / 60 page CM6533,CM6533N,CM6533X1,CM6533DH USB Audio Chip Page 6 / 60 www.cmedia.com.tw Rev.1.6 Copyright© C-Media Electronics Inc. 1 Description and Overview The CM6533/CM6533N/CM6533X1/CM6533DH is a USB 2.0 audio chip built-in 8051 for flexible applications. With integrated Tri-Colors PWM LED driver and two (2)-channel ADC/DAC and S/PDIF interface makes it suitable for headset, docking, speaker and microphone applications. The internal 8051 can also be developed to a lot of different applications, such as Microsoft™ Lync/Skype/VoIP device, Android Phone or Tablet/Slate docking device. The CM6533/CM6533N/CM6533X1/CM6533DH is compatible with USB Audio Class 1.0 and USB 2.0 Full-Speed, thus it can plug & play without any additional software installation on major operating systems. The internal DAC and ADC support from 8 ~ 96 KHz sampling rate and 16/24 bits resolution. The hardware of CM6533, CM6533N, CM6533X1 and CM6533DH are all the same and they only differ in firmware and software. The CM6533/CM6533N/CM6533X1/CM6533DH integrates equalizer on both playback and recording paths to compensate the frequency response of microphone and headphone. The CM6533/CM6533N/CM6533X1/CM6533DH also integrates 256K Byte flash(Including 32KB F/W programming size) and crystal but requires few passive components to make a finish product. Thus, it can save the total BOM cost and PCB area can be smaller. 2 Features 2.1 USB Compliance USB 2.0 Full-Speed compliant USB Audio Class 1.0 compliant USB Human Interface Device (HID) Class 1.1 compliant Supports USB suspend/resume/reset functions Supports control, interrupt, bulk, and isochronous data transfers and overview 2.2 Integrated 8051 Microprocessor Embedded 8051 micro-processor to handle the command/protocol transactions Embedded 256K Byte SPI Flash(Including 32KB F/W programming size) 32K Byte RAM for firmware extension and plug-in HID interrupts/buttons/functions can be implemented via firmware codes Provides maximum hardware configured flexibility with firmware code upgrade VID/PID/Product String can program by firmware 2.3 Control Interface Master/Slave I2C control interface, bus speed supports 100 and 400kbit/s One 4-wire SPI mater/slave interface, bus speed supports from 150k to 12Mbit/s 12 GPIO pins and firmware programmable JTAG debug interface GPIOs are configured as HID key and LED indicators Tri-Colors PWM LED Driver 2.4 General Crystal-less (embedded crystal function) |
Similar Part No. - CM6533N |
|
Similar Description - CM6533N |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |