Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM8828 Datasheet(PDF) 6 Page - C-Media Electronics

Part # CM8828
Description  High Performance PCI Express Audio Processor
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

CM8828 Datasheet(HTML) 6 Page - C-Media Electronics

Back Button CM8828 Datasheet HTML 2Page - C-Media Electronics CM8828 Datasheet HTML 3Page - C-Media Electronics CM8828 Datasheet HTML 4Page - C-Media Electronics CM8828 Datasheet HTML 5Page - C-Media Electronics CM8828 Datasheet HTML 6Page - C-Media Electronics CM8828 Datasheet HTML 7Page - C-Media Electronics CM8828 Datasheet HTML 8Page - C-Media Electronics CM8828 Datasheet HTML 9Page - C-Media Electronics CM8828 Datasheet HTML 10Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
OxygenTM Express CM8828
High Performance PCI Express Audio Processor
www.cmedia.com.tw
Copyright © C-Media Electronics Inc.
Rev. 1.0 ︱ Page 6/23
All input data can be analog mixed to output streams
Control Interface
SPI control interfaces
I2C Interface supports both Master and Slave mode
Interrupt pin for external MCU read transaction
Serial EEPROM programming interface for customizing Sub-VendorID/Sub-DeviceID (and even
Vendor/Device IDs as well), storing HDA power-on pin configuration (replacing MB BIOS
function) and 8051 ROM-codes (HDA command transcoder)
Maximum 9 GPIO pins for external devices control and various purposes
General
Compliant with Microsoft Win7/8 UAA design guideline and driver
Pass Windows 7 audio logo certification
24.576MHz crystal input required with embedded PLL for adaptive clock rate
Single 3.3V power supply
3.3 V digital I/O pads with 5V tolerance
Package and Pin Number: LQFP-80
Default target codec: CM9882A


Similar Part No. - CM8828

ManufacturerPart #DatasheetDescription
logo
C-Media Electronics
CM8826 CMEDIA-CM8826 Datasheet
383Kb / 23P
   High Performance PCI Express Audio Processor
More results

Similar Description - CM8828

ManufacturerPart #DatasheetDescription
logo
C-Media Electronics
CM8826 CMEDIA-CM8826 Datasheet
383Kb / 23P
   High Performance PCI Express Audio Processor
CM8888 CMEDIA-CM8888 Datasheet
482Kb / 25P
   High-Performance PCI Express Audio Processor
CM8888DMS CMEDIA-CM8888DMS Datasheet
482Kb / 25P
   High-Performance PCI Express Audio Processor
logo
C&K Components
CMI8788 CK-COMPONENTS-CMI8788_17 Datasheet
902Kb / 25P
   High Performance PCI Audio Processor
logo
C-Media Electronics
CMI8786 CMEDIA-CMI8786 Datasheet
1Mb / 23P
   High Performance PCI Audio Processor
CMI8787 CMEDIA-CMI8787 Datasheet
723Kb / 28P
   High Performance PCI Audio Processor
CMI8788 CMEDIA-CMI8788 Datasheet
767Kb / 29P
   High Performance PCI Audio Processor
logo
Exar Corporation
XR17V358 EXAR-XR17V358 Datasheet
1Mb / 68P
   HIGH PERFORMANCE OCTAL PCI EXPRESS UART
XR17V352IB-0A-EVB EXAR-XR17V352IB-0A-EVB Datasheet
1Mb / 64P
   HIGH PERFORMANCE DUAL PCI EXPRESS UART
XR17V354IB-E4-EVB EXAR-XR17V354IB-E4-EVB Datasheet
1Mb / 67P
   HIGH PERFORMANCE QUAD PCI-EXPRESS UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com