Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D22049P Datasheet(PDF) 10 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # D22049P
Description  General Specifications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

D22049P Datasheet(HTML) 10 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button D22049P Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. D22049P Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. D22049P Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. D22049P Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. D22049P Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. D22049P Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. D22049P Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. D22049P Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. D22049P Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Notes
A33
www.nkkswitches.com


Similar Part No. - D22049P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
D2204 TOSHIBA-D2204 Datasheet
138Kb / 5P
   Silicon NPN Triple Diffused Type
logo
Seme LAB
D2204UK SEME-LAB-D2204UK Datasheet
36Kb / 2P
   GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 20W - 12.5V - 900MHz SINGLE ENDED
More results

Similar Description - D22049P

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com