Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD6050WS-AU Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # MMBD6050WS-AU
Description  SURFACE MOUNT SWITCHING DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBD6050WS-AU Datasheet(HTML) 1 Page - Pan Jit International Inc.

  MMBD6050WS-AU_16 Datasheet HTML 1Page - Pan Jit International Inc. MMBD6050WS-AU_16 Datasheet HTML 2Page - Pan Jit International Inc. MMBD6050WS-AU_16 Datasheet HTML 3Page - Pan Jit International Inc. MMBD6050WS-AU_16 Datasheet HTML 4Page - Pan Jit International Inc. MMBD6050WS-AU_16 Datasheet HTML 5Page - Pan Jit International Inc. MMBD6050WS-AU_16 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PAGE . 1
MMBD6050WS-AU
May 24,2016-REV.02
SURFACE MOUNT SWITCHING DIODES
VOLTAGE
80 Volt
200mWatt
FEATURES
• Very fast reverse recovery ( trr < 2.0 ns typical )
• Low capacitance ( < 2.5pF @ 0V )
• Surface mount package ideally suited for automatic insertion.
• Acquire quality system certificate : TS16949
• AEC-Q101 qualified
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case : SOD-323 plastic
• Terminals : Solderable per MIL-STD-750,Method 2026
• Approx weight : 0.00014 ounces, 0.0041 grams
Polarity : Color band cathode
• Marking : T2
POWER
ABSOLUTE RATINGS
NOTE:
1. FR-4 Board=70 x 60 x 1mm.
THERMAL CHARACTERISTICS
1
2
Cathode
Anode
PARAMETER
SYMBOL
VALUE
UNITS
Maximum Reverse Voltage
VR
80
V
Peak Reverse Voltage
VRRM
80
V
Continuous Forward Current
I F
0.2
A
Non-repetitive Peak Forward Surge Current at t=1
μs
I FSM
4
A
PARAMETER
SYMBOL
VALUE
UNITS
Power Dissipation (1)
PTOT
200
mW
Thermal Resistance, Junction to Ambient (1)
RΘJA
625
OC/W
Junction Temperature
TJ
-55 to 150
OC
Storage Temperature
TSTG
-55 to 150
OC
0.078(1.95)
0.068(1.75)
0.054(1.35)
0.045(1.15)
0.107(2.7)
0.090(2.3)
0.012(0.30)MIN.
0.006(0.15)
0.002(0.05)
0.014(0.35)
0.009(0.25)
0.036(0.90)
0.027(0.70)


Similar Part No. - MMBD6050WS-AU_16

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD6050WS-AU PANJIT-MMBD6050WS-AU Datasheet
167Kb / 6P
   SURFACE MOUNT SWITCHING DIODES
More results

Similar Description - MMBD6050WS-AU_16

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD4148 PANJIT-MMBD4148_04 Datasheet
36Kb / 2P
   SURFACE MOUNT SWITCHING DIODES
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD1401 JGD-MMBD1401 Datasheet
96Kb / 1P
   SURFACE MOUNT SWITCHING DIODES
logo
SeCoS Halbleitertechnol...
BAS21 SECOS-BAS21_15 Datasheet
1Mb / 2P
   Surface Mount Switching Diodes
logo
Weitron Technology
MMBD4448HT WEITRON-MMBD4448HT Datasheet
1Mb / 3P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148WS PANJIT-1N4148WS_10 Datasheet
96Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
BAS19W PANJIT-BAS19W_09 Datasheet
199Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Weitron Technology
BAS21A WEITRON-BAS21A_09 Datasheet
698Kb / 2P
   Surface Mount Switching Diodes
logo
Shenzhen Luguang Electr...
MMBD4448W LUGUANG-MMBD4448W Datasheet
272Kb / 2P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148W PANJIT-1N4148W_09 Datasheet
78Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD4148 PANJIT-MMBD4148_09 Datasheet
130Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com