Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP-1208 Datasheet(PDF) 4 Page - Soberton Inc.

Part # SP-1208
Description  Dynamic Speaker
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOBERTON [Soberton Inc.]
Direct Link  http://www.soberton.com
Logo SOBERTON - Soberton Inc.

SP-1208 Datasheet(HTML) 4 Page - Soberton Inc.

  SP-1208 Datasheet HTML 1Page - Soberton Inc. SP-1208 Datasheet HTML 2Page - Soberton Inc. SP-1208 Datasheet HTML 3Page - Soberton Inc. SP-1208 Datasheet HTML 4Page - Soberton Inc. SP-1208 Datasheet HTML 5Page - Soberton Inc. SP-1208 Datasheet HTML 6Page - Soberton Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MODEL: SP-1208
PRODUCT: Dynamic Speaker
EDITION: A/2016
RELIABILITY TESTS (Continued)
TEMPERATURE CYCLE TEST (See in Fig.5)
temperature
-40oC
+75oC
duration
45 minutes 45 minutes
temperature gradient
1~3oC/min.
cycle
10
DROP TEST
mounted with dummy
set mass
100 g
height
1.5 m
cycle
6 (1 each plain) On to the concrete board
LOAD TEST
noise signal
Pink noise (EIA filter)
input power
0.25W (1.4Vrms)
duration
96 hours
TEST METHOD
HEAT SHOCK TEST (Fig.4)
TEMPERATURE CYCLE TEST (Fig.5)
PAGE 4/6


Similar Part No. - SP-1208

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP-1200 ETC2-SP-1200 Datasheet
571Kb / 2P
   Thermal Impedance: 0.53oC-in2/W
logo
Sipex Corporation
SP-1204 SIPEX-SP-1204 Datasheet
379Kb / 4P
   Component count summary
More results

Similar Description - SP-1208

ManufacturerPart #DatasheetDescription
logo
Soberton Inc.
SP-1704 SOBERTON-SP-1704 Datasheet
284Kb / 5P
   Dynamic Speaker
SP-1810 SOBERTON-SP-1810 Datasheet
291Kb / 5P
   Dynamic Speaker
SP-7140-1 SOBERTON-SP-7140-1 Datasheet
561Kb / 6P
   Dynamic Speaker
SP-1504 SOBERTON-SP-1504 Datasheet
374Kb / 5P
   Dynamic Speaker
SP-1511S-4 SOBERTON-SP-1511S-4 Datasheet
346Kb / 5P
   Dynamic Speaker
SP-2805 SOBERTON-SP-2805 Datasheet
293Kb / 5P
   Dynamic Speaker
SP-1605 SOBERTON-SP-1605 Datasheet
215Kb / 5P
   Dynamic Speaker
SP-7140-2 SOBERTON-SP-7140-2 Datasheet
515Kb / 6P
   Dynamic Speaker
SP-6619 SOBERTON-SP-6619 Datasheet
432Kb / 6P
   Dynamic Speaker
SP-2605 SOBERTON-SP-2605 Datasheet
429Kb / 5P
   Dynamic Speaker
SP-1813S SOBERTON-SP-1813S_16 Datasheet
400Kb / 5P
   Dynamic Speaker
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com