Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE126 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE126
Description  Germanium Mesa Transistor, PNP, for High-Speed Switching Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE126 Datasheet(HTML) 1 Page - NTE Electronics

  NTE126 Datasheet HTML 1Page - NTE Electronics NTE126 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE126
Germanium Mesa Transistor, PNP,
for High–Speed Switching Applications
Maximum Ratings:
Collector–Emitter Voltage, VCE
15Vdc
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector–Base Voltage, VCB
15Vdc
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter–Base Voltage, VEB
2.5Vdc
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total Device Dissipation (TA = +25°C), PD
150mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate above 25
°C
2.0mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total Device Dissipation (TC = +25°C), PD
300mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate above 25
°C
4.0mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature Range, TJ
–65
° to +100°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Junction Temperature Range, Tstg
–65
° to +100°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Min
Max
Unit
Collector–Base Breakdown Voltage
(IC = 100µAdc, IE = 0)
BVCBO
15
Vdc
Emitter–Base Breakdown Voltage
(IE = 100µAdc, IC = 0)
BVEBO
2.5
Vdc
Collector–Latch–Up Voltage
(VCC = 11.5 Vdc)
LVCEX
11.5
Vdc
Collector–Emitter Cutoff Current
(VCE = 15Vdc)
ICES
100
µAdc
Collector–Base Cutoff Current
(VCB = 6Vdc, IE = 0)
ICBO
3.0
µAdc
DC Current Gain
(IC = 10mAdc, VCE = 0.3Vdc)
(IC = 50mAdc, VCE = 1Vdc)
(IC = 100mAdc, VCE = 1Vdc)
hFE
40
40
40
Collector–Emitter Saturation Voltage
(IC = 10mAdc, IB = 1mAdc)
(IC = 50mAdc, IB = 5mAdc)
(IC = 100mAdc, IB = 10mAdc)
VCE(sat)
0.18
0.35
0.60
Vdc


Similar Part No. - NTE126

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1263 NTE-NTE1263 Datasheet
77Kb / 2P
   Integrated Circuit Record/Playback Circuit for VCR
NTE1264 NTE-NTE1264 Datasheet
21Kb / 2P
   Integrated Circuit Video AGC Circuit for VCR
NTE1266 NTE-NTE1266 Datasheet
20Kb / 2P
   Integrated Circuit Color AGC Circuit for VCR
NTE1268 NTE-NTE1268 Datasheet
22Kb / 2P
   Integrated Circuit DC Servo Circuit for VCR
More results

Similar Description - NTE126

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
2N1925 AMMSEMI-2N1925 Datasheet
1Mb / 2P
   GERMANIUM PNP MESA TRANSISTORS
logo
America Semiconductor, ...
2N2375 AMERICASEMI-2N2375 Datasheet
1Mb / 2P
   GERMANIUM PNP MESA TRANSISTORS
logo
American Microsemicondu...
2CL70A AMMSEMI-2CL70A Datasheet
673Kb / 2P
   GERMANIUM PNP MESA TRANSISTORS
2N1414 AMMSEMI-2N1414 Datasheet
1Mb / 2P
   GERMANIUM PNP MESA TRANSISTORS
2N1924 AMMSEMI-2N1924 Datasheet
1Mb / 2P
   GERMANIUM PNP MESA TRANSISTORS
logo
America Semiconductor, ...
2N2000 AMERICASEMI-2N2000 Datasheet
1Mb / 2P
   GERMANIUM PNP MESA TRANSISTORS
logo
American Microsemicondu...
2N1415 AMMSEMI-2N1415 Datasheet
1Mb / 2P
   GERMANIUM PNP MESA TRANSISTORS
2N1926 AMMSEMI-2N1926 Datasheet
1Mb / 2P
   GERMANIUM PNP MESA TRANSISTORS
logo
America Semiconductor, ...
2N2043 AMERICASEMI-2N2043 Datasheet
1Mb / 2P
   GERMANIUM PNP MESA TRANSISTORS
2N1999 AMERICASEMI-2N1999 Datasheet
1Mb / 2P
   GERMANIUM PNP MESA TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com