Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIG100J101H Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # MIG100J101H
Description  TOSHIBA Intelligent Power Module Silicon N Channel IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MIG100J101H Datasheet(HTML) 3 Page - Toshiba Semiconductor

  MIG100J101H Datasheet HTML 1Page - Toshiba Semiconductor MIG100J101H Datasheet HTML 2Page - Toshiba Semiconductor MIG100J101H Datasheet HTML 3Page - Toshiba Semiconductor MIG100J101H Datasheet HTML 4Page - Toshiba Semiconductor MIG100J101H Datasheet HTML 5Page - Toshiba Semiconductor MIG100J101H Datasheet HTML 6Page - Toshiba Semiconductor MIG100J101H Datasheet HTML 7Page - Toshiba Semiconductor MIG100J101H Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MIG100J101H
2001-05-29
3
b.
Control Stage (Tj = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
High side
ID (H)
8
Control circuit
current
Low side
ID (L)
VD = 15 V
24
mA
Input-on signal voltage
VIN (on)
VD = 15 V, IC = 100 mA
1.3
1.5
1.7
V
Input-off signal voltage
VIN (off)
VD = 15 V, IC = 100 mA
2.2
2.5
2.8
V
Protection
IFO (on)
8
10
12
Fault output
current
Normal
IFO (off)
VD = 15 V
1
mA
Over current
protection
trip level
Inverter
OC
VD = 15 V, Tj = 125°C
160
200
A
Short current
protection
trip level
Inverter
SC
VD = 15 V, Tj = 125°C
240
300
A
Over current cut-off time
toff (OC)
VD = 15 V
5
µs
Trip level
OT
110
118
125
Over
temperature
protection
Reset level
OTr
Case temperature
98
°C
Trip level
UV
11.0
12.0
12.5
Control supply
under voltage
protection
Reset level
UVr
12.5
V
Fault output pulse width
tFO
VD = 15 V
1
2
3
ms


Similar Part No. - MIG100J101H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MIG100J201H TOSHIBA-MIG100J201H Datasheet
340Kb / 7P
   N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
MIG100J201HC TOSHIBA-MIG100J201HC Datasheet
141Kb / 6P
   High Power Switching Applications Motor Control Applications
logo
Mitsubishi Electric Sem...
MIG100J6CSB1W MITSUBISHI-MIG100J6CSB1W Datasheet
211Kb / 10P
   High Power Switching Applications Motor Control Applications
logo
Toshiba Semiconductor
MIG100J7CSB1W TOSHIBA-MIG100J7CSB1W Datasheet
176Kb / 11P
   TOSHIBA Intelligent Power Module Silicon N Channel IGBT
logo
Mitsubishi Electric Sem...
MIG100J7CSB1W MITSUBISHI-MIG100J7CSB1W Datasheet
221Kb / 10P
   High Power Switching Applications Motor Control Applications
More results

Similar Description - MIG100J101H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MIG300J101H TOSHIBA-MIG300J101H Datasheet
190Kb / 8P
   TOSHIBA Intelligent Power Module Silicon N Channel IGBT
MIG150Q201H TOSHIBA-MIG150Q201H Datasheet
136Kb / 6P
   TOSHIBA Intelligent Power Module Silicon N Channel IGBT
MIG50Q6CSB1X TOSHIBA-MIG50Q6CSB1X Datasheet
169Kb / 11P
   TOSHIBA Intelligent Power Module Silicon N Channel IGBT
MIG75J6CSB1W TOSHIBA-MIG75J6CSB1W Datasheet
182Kb / 11P
   TOSHIBA Intelligent Power Module Silicon N Channel IGBT
MIG75J201H TOSHIBA-MIG75J201H Datasheet
217Kb / 8P
   TOSHIBA Intelligent Power Module Silicon N Channel IGBT
MIG400J101H TOSHIBA-MIG400J101H Datasheet
189Kb / 8P
   TOSHIBA Intelligent Power Module Silicon N Channel IGBT
MIG100Q6CMB1X TOSHIBA-MIG100Q6CMB1X Datasheet
166Kb / 11P
   TOSHIBA Intelligent Power Module Silicon N Channel IGBT
MIG50J7CSB1W TOSHIBA-MIG50J7CSB1W Datasheet
186Kb / 11P
   TOSHIBA Intelligent Power Module Silicon N Channel IGBT
MIG100J7CSB1W TOSHIBA-MIG100J7CSB1W Datasheet
176Kb / 11P
   TOSHIBA Intelligent Power Module Silicon N Channel IGBT
MIG50J101H TOSHIBA-MIG50J101H Datasheet
211Kb / 8P
   TOSHIBA Intelligent Power Module Silicon N Channel IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com