Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD3004A Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # MMBD3004A
Description  HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBD3004A Datasheet(HTML) 3 Page - Pan Jit International Inc.

  MMBD3004A_16 Datasheet HTML 1Page - Pan Jit International Inc. MMBD3004A_16 Datasheet HTML 2Page - Pan Jit International Inc. MMBD3004A_16 Datasheet HTML 3Page - Pan Jit International Inc. MMBD3004A_16 Datasheet HTML 4Page - Pan Jit International Inc. MMBD3004A_16 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PAGE .3
MOUNTING PAD LAYOUT
• Packing information
T/R - 12K per 13" plastic Reel
T/R - 3K per 7” plastic Reel
ORDER INFORMATION
MMBD3004A/C/S
SOT-23
0.031 MIN.
(0.80) MIN.
0.037
(0.95)
0.043
(1.10)
0.106
(2.70)
Unit inch(mm)
July 04,2012-REV.02


Similar Part No. - MMBD3004A_16

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD3004A DIODES-MMBD3004A_16 Datasheet
325Kb / 5P
   HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
More results

Similar Description - MMBD3004A_16

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD3004A PANJIT-MMBD3004A Datasheet
128Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
Central Semiconductor C...
CMPD2003-1 CENTRAL-CMPD2003-1 Datasheet
110Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE
logo
Leshan Radio Company
LBAV3004T1G LRC-LBAV3004T1G_15 Datasheet
225Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
Yea Shin Technology Co....
MMBD3004S YEASHIN-MMBD3004S Datasheet
193Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
MMBD2004S DIODES-MMBD2004S_1 Datasheet
82Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
DS30281 Rev. 8 - 2
logo
WILLAS ELECTRONIC CORP
MMBD3004C WILLAS-MMBD3004C Datasheet
343Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
Shanghai Leiditech Elec...
LBAV3004T1G LEIDITECH-LBAV3004T1G Datasheet
561Kb / 4P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
Leshan Radio Company
LMBD3004SLT1G LRC-LMBD3004SLT1G Datasheet
348Kb / 5P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
WILLAS ELECTRONIC CORP
MMBD3004A WILLAS-MMBD3004A Datasheet
306Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
Weitron Technology
RLS245 WEITRON-RLS245 Datasheet
429Kb / 3P
   Surface Mount High-Voltage Switching Diode
logo
Leshan Radio Company
LMBD3004ALT1G LRC-LMBD3004ALT1G_15 Datasheet
137Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com