Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD3004A_R2_00001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # MMBD3004A_R2_00001
Description  HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBD3004A_R2_00001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  MMBD3004A_R2_00001 Datasheet HTML 1Page - Pan Jit International Inc. MMBD3004A_R2_00001 Datasheet HTML 2Page - Pan Jit International Inc. MMBD3004A_R2_00001 Datasheet HTML 3Page - Pan Jit International Inc. MMBD3004A_R2_00001 Datasheet HTML 4Page - Pan Jit International Inc. MMBD3004A_R2_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
July 04,2012-REV.02
MMBD3004A/C/S
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
VOLTAGE
350 Volt
410 mWatt
MECHANICAL DATA
Case: SOT-23, Plastic
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.0003 ounces, 0.0084 grams
Marking : MMBD3004A : P11
MMBD3004C : P12
MMBD3004S : P13
POWER
MAXIMUM RATINGS(TA=25oC,unless otherwise specified)
C
I
T
S
I
R
E
T
C
A
R
A
H
CL
O
B
M
Y
SE
U
L
A
VT
I
N
U
e
g
a
tl
o
V
e
s
r
e
v
e
R
k
a
e
P
e
v
it
it
e
p
e
RV M
R
R
0
5
3V
e
g
a
tl
o
V
e
s
r
e
v
e
R
k
a
e
P
g
n
i
k
r
o
W
e
g
a
tl
o
V
g
n
i
k
c
o
l
B
C
D
V M
W
R
VR
0
4
2V
e
g
a
tl
o
V
e
s
r
e
v
e
R
S
M
RV
)
S
M
R
(
R
2
1
2V
)
1
e
t
o
N
(
t
n
e
rr
u
C
s
u
o
u
n
it
n
o
C
d
r
a
w
r
o
FI F
5
2
2A
m
)
1
e
t
o
N
(
t
n
e
rr
u
C
d
r
a
w
r
o
F
e
v
it
it
e
p
e
R
k
a
e
PI M
R
F
5
2
6A
m
s
m
1
0
0
.
0
=
t
@
t
n
e
rr
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
e
v
it
it
e
p
e
R
-
n
o
N
s
m
0
0
0
1
=
t
@
I M
S
F
0
.
4
0
.
1
A
)
1
e
t
o
N
(
n
o
it
a
p
i
s
s
i
D
r
e
w
o
Pd
P0
1
4W
m
)
1
e
t
o
N
(
ri
A
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
l
a
c
i
p
y
TRΘ A
J
0
1
3
o
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
g
n
it
a
r
e
p
OT ,JT G
T
S
0
5
1
+
o
t
5
5
-
o
C
Notes : 1. Part mounted on FR-4 board with recommended pad layout.
SERIES
COMMON ANODE
COMMON CATHODE
MMBD3004A
MMBD3004C
MMBD3004S
SOT-23
Unit inch(mm)
FEATURES
• Fast Switching Speed
• Surface Mount Package ldeally Suited for Automatic Insertion
• High Conductance
• High Reverse Breakdown Voltage Rating
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
0.120(3.04)
0.110(2.80)
0.056(1.40)
0.047(1.20)
0.079(2.00)
0.070(1.80)
0.020(0.50)
0.013(0.35)
0.044(1.10)
0.035(0.90)
0.008(0.20)
0.003(0.08)
0.004(0.10)
0.000(0.00)


Similar Part No. - MMBD3004A_R2_00001

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD3004A-7-F DIODES-MMBD3004A-7-F Datasheet
80Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
DS30353 Rev. 6 - 2
MMBD3004A-7-F DIODES-MMBD3004A-7-F Datasheet
84Kb / 4P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
DS30353 Rev. 9 - 2
MMBD3004A-7-F DIODES-MMBD3004A-7-F Datasheet
232Kb / 4P
   HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
MMBD3004A-7-F DIODES-MMBD3004A-7-F Datasheet
325Kb / 5P
   HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
logo
TAITRON Components Inco...
MMBD3004A TAITRON-MMBD3004A_09 Datasheet
258Kb / 6P
   Three Terminals SMD Switching Diodes
More results

Similar Description - MMBD3004A_R2_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD3004A PANJIT-MMBD3004A Datasheet
128Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
Central Semiconductor C...
CMPD2003-1 CENTRAL-CMPD2003-1 Datasheet
110Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE
logo
Leshan Radio Company
LBAV3004T1G LRC-LBAV3004T1G_15 Datasheet
225Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
Yea Shin Technology Co....
MMBD3004S YEASHIN-MMBD3004S Datasheet
193Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
MMBD2004S DIODES-MMBD2004S_1 Datasheet
82Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
DS30281 Rev. 8 - 2
logo
WILLAS ELECTRONIC CORP
MMBD3004C WILLAS-MMBD3004C Datasheet
343Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
Shanghai Leiditech Elec...
LBAV3004T1G LEIDITECH-LBAV3004T1G Datasheet
561Kb / 4P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
Leshan Radio Company
LMBD3004SLT1G LRC-LMBD3004SLT1G Datasheet
348Kb / 5P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
WILLAS ELECTRONIC CORP
MMBD3004A WILLAS-MMBD3004A Datasheet
306Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
Weitron Technology
RLS245 WEITRON-RLS245 Datasheet
429Kb / 3P
   Surface Mount High-Voltage Switching Diode
logo
Leshan Radio Company
LMBD3004ALT1G LRC-LMBD3004ALT1G_15 Datasheet
137Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com