Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD914_R2_00001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # MMBD914_R2_00001
Description  SURFACE MOUNT SWITCHING DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBD914_R2_00001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  MMBD914_R2_00001 Datasheet HTML 1Page - Pan Jit International Inc. MMBD914_R2_00001 Datasheet HTML 2Page - Pan Jit International Inc. MMBD914_R2_00001 Datasheet HTML 3Page - Pan Jit International Inc. MMBD914_R2_00001 Datasheet HTML 4Page - Pan Jit International Inc. MMBD914_R2_00001 Datasheet HTML 5Page - Pan Jit International Inc. MMBD914_R2_00001 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PAGE . 1
June 27,2014-REV.02
MMBD914
Fig.14
SINGLE
SURFACE MOUNT SWITCHING DIODE
VOLTAGE
100 Volt
225 mWatt
FEATURES
• Very fast reverse recovery (Trr < 2ns typical)
• Low capacitance (4pF @ 0V typical)
• Surface mount package ideally suited for automatic insertion
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: SOT-23 plastic case.
• Terminals: Solderable per MIL-STD-750,Method 2026
• Approx. Weight: 0.0003 ounces, 0.0084 grams
• Marking : T1
POWER
ABSOLUTE RATINGS
NOTE :
1. FR-5 Board = 1X0.75X0.062 in.
THERMAL CHARACTERISTICS
Parameter
Symbol
Value
Units
Maximum Reverse Voltage
V
R
100
V
Peak Reverse Voltage
V
RRM
100
V
Continuous Forward Current
I
F
0.2
A
Non-repetitive Peak Forward Surge Current at t = 1
μs
I
FSM
4
A
Parameter
Symbol
Value
Units
Power Dissipation (Note 1)
P
TOT
225
mW
Thermal Resistance, Junction to Ambient (Note 1)
RΘJA
556
oC/W
Operating Junction And Storage Temperature Range
T
J ,TSTG
-55 to 150
oC
0.120(3.04)
0.110(2.80)
0.056(1.40)
0.047(1.20)
0.079(2.00)
0.070(1.80)
0.020(0.50)
0.013(0.35)
0.044(1.10)
0.035(0.90)
0.008(0.20)
0.003(0.08)
0.004(0.10)
0.000(0.00)


Similar Part No. - MMBD914_R2_00001

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
MMBD914+SOT-23 SHUNYE-MMBD914+SOT-23 Datasheet
413Kb / 4P
   High - speeds witchi diode
logo
Diodes Incorporated
MMBD914-13-F DIODES-MMBD914-13-F Datasheet
127Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
MMBD914-7 DIODES-MMBD914-7 Datasheet
75Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS12003 Rev. 12 - 2
MMBD914-7-F DIODES-MMBD914-7-F Datasheet
250Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS12003 Rev. 19 - 2
MMBD914-7-F DIODES-MMBD914-7-F Datasheet
127Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
More results

Similar Description - MMBD914_R2_00001

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
   SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV23A DIODES-BAV23A_08 Datasheet
126Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 13 - 2
MMBD2004SW DIODES-MMBD2004SW_08 Datasheet
113Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30443 Rev. 6 - 2
logo
Pan Jit International I...
MMBD7000 PANJIT-MMBD7000_09 Datasheet
231Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
MMBD7000W PANJIT-MMBD7000W_09 Datasheet
215Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
1SS400G PANJIT-1SS400G_09 Datasheet
265Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
1SS184 BILIN-1SS184 Datasheet
280Kb / 3P
   Surface mount switching diode
BAL99 BILIN-BAL99 Datasheet
175Kb / 3P
   Surface mount switching diode
BAS16 BILIN-BAS16 Datasheet
308Kb / 3P
   Surface mount switching diode
BAS21 BILIN-BAS21 Datasheet
177Kb / 3P
   Surface mount switching diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com