Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM1093PF Datasheet(PDF) 5 Page - Mitsumi Electronics, Corp.

Part # MM1093PF
Description  4fsc Clock Generator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1093PF Datasheet(HTML) 5 Page - Mitsumi Electronics, Corp.

  MM1093PF Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1093PF Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1093PF Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1093PF Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1093PF Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1093PF Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1093PF Datasheet HTML 7Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MITSUMI
4fsc Clock Generator MM1093
Item
Symbol
Measurement
Measurement conditions
Min. Typ. Max. Units
circuit
Operating power supply voltage
VCC
VCC
4.7
5.0
5.3
V
Consumption current
ICC
-
24
32
mA
Sync separation circuit
SG2 : 1VP-P staircase wave *1
Sync separation level
VS
TP3
SG1 : separate chroma signal
40
80
120
mV
SW1 : B *5
PLL circuit
ACC input amplitude range
VIN
TP1
SG1 : separate chroma signal *2 *5 15
560 mVP-P
APC1 frequency
fC
SG1 : sine wave 143mVP-P
400
Hz
acquisition range
SG2 : 1VP-P staircase wave *3
VCO1 free run frequency deviation
f0
*4
-250
0
250
Hz
fSC output level
VO1
TP2
SG1 : separate chroma signal
SG2 : 1VP-P staircase wave *5
0.8
1.0
1.2
VP-P
fSC output duty
DO1
SG1 : separate chroma signal
SG2 : 1VP-P staircase wave *5
45
50
55
%
4fSC circuit
SG1 : separate chroma signal
4fSC output level
VO2
SG2 : 1VP-P staircase wave
0.8
1.0
1.2
VP-P
SW1 : B *5
SG1 : separate chroma signal
4fSC output DT
DO2
TP3
SG2 : 1VP-P staircase wave
45
50
55
%
SW1 : B *5
SG1 : separate chroma signal
fSC leakage
Lfsc
SG2 : 1VP-P staircase wave
50
dB
SW1 : B *5
Electrical Characteristics (Except where noted otherwise, Ta=25°C, VCC=5.0V, SG1, SG2 : no signal, SW1 : A)
Notes:
*1 Sync separation level
Measure the level where SG1 input signal and TP3 output signal synchronize when 1VP-P staircase wave
sync signal level is raised from 0V.
1VP-P
VS
Hsync
*2 ACC input amplitude range
Defined as separate chroma signal burst signal amplitude that can be input to chroma input.
*3 APC1 frequency pull-in range
Defined as the smaller of the differences when input signal frequency is changed from high to fO and from
low to fo when TP2 output is not synchronized to SG1 input signal and when it is synchronized.
*4 VCO1 free run frequency deviation
Defined as the difference between TP2 output signal frequency and fO.
*5 The standard for the separate chroma signal is burst signal 143mVP-P.
SG2 : 1VP-P staircase wave


Similar Part No. - MM1093PF

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1095 MITSUMI-MM1095 Datasheet
171Kb / 7P
   System Reset (with built-in watchdog timer)
MM1095AD MITSUMI-MM1095AD Datasheet
171Kb / 7P
   System Reset (with built-in watchdog timer)
MM1095AF MITSUMI-MM1095AF Datasheet
171Kb / 7P
   System Reset (with built-in watchdog timer)
MM1095AS MITSUMI-MM1095AS Datasheet
171Kb / 7P
   System Reset (with built-in watchdog timer)
MM1095BD MITSUMI-MM1095BD Datasheet
171Kb / 7P
   System Reset (with built-in watchdog timer)
More results

Similar Description - MM1093PF

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
DS614 XILINX-DS614 Datasheet
289Kb / 9P
   Clock Generator
logo
ON Semiconductor
NB3N51044 ONSEMI-NB3N51044 Datasheet
135Kb / 13P
   Clock Generator
July, 2014 ??Rev. 1
logo
Integrated Device Techn...
5L35023 IDT-5L35023 Datasheet
547Kb / 38P
   Clock Generator
logo
Rohm
BU2280FV ROHM-BU2280FV Datasheet
272Kb / 6P
   Clock Generator
BU2360FV ROHM-BU2360FV Datasheet
270Kb / 6P
   Clock Generator
BU2394KN ROHM-BU2394KN Datasheet
278Kb / 6P
   Clock Generator
logo
Intel Corporation
P4201A INTEL-P4201A Datasheet
25Kb / 1P
   CLOCK GENERATOR
logo
Winbond
W83195BR-118 WINBOND-W83195BR-118 Datasheet
361Kb / 28P
   Clock Generator
logo
Renesas Technology Corp
EL4584 RENESAS-EL4584 Datasheet
731Kb / 15P
   Horizontal Genlock, 4FSC
logo
Intersil Corporation
EL4584 INTERSIL-EL4584 Datasheet
313Kb / 15P
   Horizontal Genlock, 4FSC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com