Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM1291AF Datasheet(PDF) 4 Page - Mitsumi Electronics, Corp.

Part # MM1291AF
Description  Protection of Lithium Ion Batteries (one cell)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1291AF Datasheet(HTML) 4 Page - Mitsumi Electronics, Corp.

  MM1291AF Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1291AF Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1291AF Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1291AF Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1291AF Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1291AF Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1291AF Datasheet HTML 7Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MITSUMI
Protection of Lithium Ion Batteries (one cell) MM1291
Block Diagram
Timing Chart
VS indicates average values.
VALML is low due to the effect of R1 linked to the VIN pin.
*1
A : 4.150V
*2
A : 4.350V
*3
A : 0.10V
B : 4.050V
B : 4.250V
B : 0.10V
C : 4.073V
C : 4.100V
C : 0.15V
*
1
unsettled
unsettled
Excess
discharge
Excess
Charge
Excess
discharge
Normal
Normal
Normal
Normal
Charge
Charge
Charge
Normal
Overcurrent protection
Overcurrent protection
Normal
Excess
discharge
Excess discharge
Load release
Load release
Load release
TOD
TOC1
TOC2
TOC2
TOO
TALM
0V
VALM
VALML
VDF
VS1
0V
1.0V
VCS
VST
0V
0V
0V
VIN
(VCC)
CS
GD
TD
OC
*1 C only


Similar Part No. - MM1291AF

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1292 MITSUMI-MM1292 Datasheet
190Kb / 7P
   Protection of Lithium Ion Batteries (two cells in series)
MM1292C MITSUMI-MM1292C Datasheet
190Kb / 7P
   Protection of Lithium Ion Batteries (two cells in series)
MM1292D MITSUMI-MM1292D Datasheet
190Kb / 7P
   Protection of Lithium Ion Batteries (two cells in series)
MM1292H MITSUMI-MM1292H Datasheet
190Kb / 7P
   Protection of Lithium Ion Batteries (two cells in series)
MM1292J MITSUMI-MM1292J Datasheet
190Kb / 7P
   Protection of Lithium Ion Batteries (two cells in series)
More results

Similar Description - MM1291AF

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MM1301 MITSUBISHI-MM1301 Datasheet
95Kb / 5P
   Protection of Lithium Ion Batteries (one cell) Monolithic IC
logo
Mitsumi Electronics, Co...
MM1414 MITSUMI-MM1414 Datasheet
243Kb / 9P
   Protection of Lithium Ion Batteries
MM1412 MITSUMI-MM1412 Datasheet
170Kb / 7P
   Protection of Lithium-Ion Batteries Monolithic IC
logo
Analog Intergrations Co...
AIC1811 AIC-AIC1811 Datasheet
118Kb / 8P
   One-Cell Lithium-Ion Battery Protection IC
AIC1821 AIC-AIC1821 Datasheet
207Kb / 7P
   ONE-CELL LITHIUM-ION BATTERY PROTECTION IC
logo
Mitsumi Electronics, Co...
MM3280 MITSUMI-MM3280 Datasheet
65Kb / 5P
   One-cell lithium-ion/lithium-polymer battery protection IC
logo
Mitsubishi Electric Sem...
MM1451 MITSUBISHI-MM1451 Datasheet
145Kb / 7P
   Protection of Lithium-Ion Batteries (for Double-Protect)
logo
Unisonic Technologies
UW01++ UTC-UW01+ Datasheet
233Kb / 11P
   ONE CELL LITHIUM-ION POLYMER BATTERY PROTECTION IC
logo
ACE Technology Co., LTD...
ACEDW01 ACE-ACEDW01 Datasheet
1Mb / 19P
   One Cell Lithium-ion/Polymer Battery Protection IC
VER 1.2
logo
Shenzhen Huazhimei Semi...
HM5436D HMSEMI-HM5436D Datasheet
2Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com