Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LHIR43733-S18-A-PF Datasheet(PDF) 9 Page - LIGITEK electronics co., ltd.

Part # LHIR43733-S18-A-PF
Description  INFRARED EMITTING DIODES
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHIR43733-S18-A-PF Datasheet(HTML) 9 Page - LIGITEK electronics co., ltd.

  LHIR43733-S18-A-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHIR43733-S18-A-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHIR43733-S18-A-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHIR43733-S18-A-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHIR43733-S18-A-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHIR43733-S18-A-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHIR43733-S18-A-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LHIR43733-S18-A-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LHIR43733-S18-A-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
1.T.Sol=245
℃±5
2.Dwell time=5
±1sec
1.T.Sol=260
℃±5
2.Dwell time= 10
±1sec.
Solderability Test
Solder Resistance
Test
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
This test intended to see soldering well
performed or not.
1.Ta=85
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
Test Condition
1.Under Room Temperature
2.If=20mA
3.t=1000 hrs (-24hrs, +72hrs)
1.Ta=65
℃±5
2.RH=90 %~95%
3.t=240hrs
±2hrs
1.Ta=105
℃±5&-40℃±5
(10min) (10min)
2.total 10 cycles
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
High Temperature
High Humidity Test
Thermal Shock Test
Low Temperature
Storage Test
High Temperature
Storage Test
Test Item
Operating Life Test
Reliability Test:
Reference
Standard
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
MIL-STD-883:1008
JIS C 7021: B-10
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
MIL-STD-202:103B
JIS C 7021: B-11
JIS C 7021: B-12
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
The purpose of this test is the resistance
of the device under tropical for hours.
The purpose of this is the resistance of
the device which is laid under condition
of high temperature for hours.
This test is conducted for the purpose
of detemining the resistance of a part
in electrical and themal stressed.
Description
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
8/8
Page
LHIR43733/S18/A-PF
PART NO.


Similar Part No. - LHIR43733-S18-A-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LHIR43733-T100-A-PF LIGITEK-LHIR43733-T100-A-PF Datasheet
219Kb / 9P
   INFRARED EMITTING DIODES
More results

Similar Description - LHIR43733-S18-A-PF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OHE940CA ETC-OHE940CA Datasheet
157Kb / 2P
   INFRARED EMITTING DIODES
logo
LIGITEK electronics co....
LVIR2043-PF LIGITEK-LVIR2043-PF Datasheet
137Kb / 8P
   INFRARED EMITTING DIODES
LVIR3333-S137-PF LIGITEK-LVIR3333-S137-PF Datasheet
168Kb / 8P
   INFRARED EMITTING DIODES
LHIR2342-PF LIGITEK-LHIR2342-PF Datasheet
110Kb / 6P
   INFRARED EMITTING DIODES
LHIR3331-PF LIGITEK-LHIR3331-PF Datasheet
141Kb / 8P
   INFRARED EMITTING DIODES
LHIR3333-S46-PF LIGITEK-LHIR3333-S46-PF Datasheet
263Kb / 8P
   INFRARED EMITTING DIODES
LHIR9653-30C LIGITEK-LHIR9653-30C Datasheet
112Kb / 6P
   INFRARED EMITTING DIODES
LHIR9653-50B-L37 LIGITEK-LHIR9653-50B-L37 Datasheet
112Kb / 6P
   INFRARED EMITTING DIODES
LSIR3331-PF LIGITEK-LSIR3331-PF Datasheet
141Kb / 8P
   INFRARED EMITTING DIODES
LSIR3333-TRS LIGITEK-LSIR3333-TRS Datasheet
153Kb / 9P
   INFRARED EMITTING DIODES
logo
List of Unclassifed Man...
BIR-BL0331 ETC1-BIR-BL0331 Datasheet
633Kb / 2P
   INFRARED EMITTING DIODES
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com