Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LHIR43733-T100-A-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LHIR43733-T100-A-PF
Description  INFRARED EMITTING DIODES
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHIR43733-T100-A-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LHIR43733-T100-A-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHIR43733-T100-A-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHIR43733-T100-A-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHIR43733-T100-A-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHIR43733-T100-A-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHIR43733-T100-A-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHIR43733-T100-A-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LHIR43733-T100-A-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LHIR43733-T100-A-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The radiant intensity data did not including
±15% testing tolerance.
Absolute Maximum Ratings at Ta=25
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Electrical Optical Characteristics (Aa=25
)
PD
Power Dissipation
85
50
Le
Radiant Intensity
Viewing Angle
Reverse Current
Forward Voltage
Spectral Line Half Width
Peak Emission Wavelength
Aperture Radiant Incidence
2
θ1/2
IR
VF
△λ
1.5
50
7.1
Ee
λpeak
12.1
850
Electrostatic Discharge
Reverse Voltage
Storage Temperature
Operating Temperature
SYMBOL
PARAMETER
Min.
Typ.
Tstg
Topr
ESD
Vr
Forward Current
Peak Forward Current
(300PPS,10
μs Pulse)
Parameter
IFP
IF
Symbol
180
mW
mW/sr
IF=100mA
100
μA
deg
VR=5V
1.9
V
nm
mW/cm
nm
2
IF=100mA
IF=100mA
IF=100mA
IF=100mA
TEST CONDITION
Max.
UNIT
-40 ~ +85
-40 ~ +85
2000
5
V
V
1
100
Ratings
HIR
A
mA
UNIT
Page 2/8
LHIR43733/T100/A-PF
PART NO.
Vertical Axis
22
°
Horizontal
Axis 62
°


Similar Part No. - LHIR43733-T100-A-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LHIR43733-S18-A-PF LIGITEK-LHIR43733-S18-A-PF Datasheet
226Kb / 9P
   INFRARED EMITTING DIODES
More results

Similar Description - LHIR43733-T100-A-PF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OHE940CA ETC-OHE940CA Datasheet
157Kb / 2P
   INFRARED EMITTING DIODES
logo
LIGITEK electronics co....
LVIR2043-PF LIGITEK-LVIR2043-PF Datasheet
137Kb / 8P
   INFRARED EMITTING DIODES
LVIR3333-S137-PF LIGITEK-LVIR3333-S137-PF Datasheet
168Kb / 8P
   INFRARED EMITTING DIODES
LHIR2342-PF LIGITEK-LHIR2342-PF Datasheet
110Kb / 6P
   INFRARED EMITTING DIODES
LHIR3331-PF LIGITEK-LHIR3331-PF Datasheet
141Kb / 8P
   INFRARED EMITTING DIODES
LHIR3333-S46-PF LIGITEK-LHIR3333-S46-PF Datasheet
263Kb / 8P
   INFRARED EMITTING DIODES
LHIR9653-30C LIGITEK-LHIR9653-30C Datasheet
112Kb / 6P
   INFRARED EMITTING DIODES
LHIR9653-50B-L37 LIGITEK-LHIR9653-50B-L37 Datasheet
112Kb / 6P
   INFRARED EMITTING DIODES
LSIR3331-PF LIGITEK-LSIR3331-PF Datasheet
141Kb / 8P
   INFRARED EMITTING DIODES
LSIR3333-TRS LIGITEK-LSIR3333-TRS Datasheet
153Kb / 9P
   INFRARED EMITTING DIODES
logo
List of Unclassifed Man...
BIR-BL0331 ETC1-BIR-BL0331 Datasheet
633Kb / 2P
   INFRARED EMITTING DIODES
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com