Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA3201D Datasheet(PDF) 5 Page - Motorola, Inc

Part # MMA3201D
Description  Surface Mount Micromachined Accelerometer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMA3201D Datasheet(HTML) 5 Page - Motorola, Inc

  MMA3201D Datasheet HTML 1Page - Motorola, Inc MMA3201D Datasheet HTML 2Page - Motorola, Inc MMA3201D Datasheet HTML 3Page - Motorola, Inc MMA3201D Datasheet HTML 4Page - Motorola, Inc MMA3201D Datasheet HTML 5Page - Motorola, Inc MMA3201D Datasheet HTML 6Page - Motorola, Inc MMA3201D Datasheet HTML 7Page - Motorola, Inc MMA3201D Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Motorola Sensor Device Data
MMA3201D
5
BASIC CONNECTIONS
Pinout Description
Figure 3. SOIC Accelerometer with Recommended
Connection Diagram
PCB Layout
Figure 4. Recommended PCB Layout for Interfacing
Accelerometer to Microcontroller
NOTES:
Use a 0.1
µF capacitor on VDD to decouple the power
source.
Physical coupling distance of the accelerometer to the
microcontroller should be minimal.
Place a ground plane beneath the accelerometer to reduce
noise, the ground plane should be attached to all of the open
ended terminals shown in Figure 4.
Use an RC filter of 1 k
Ω and 0.01 µF on the output of the
accelerometer to minimize clock noise (from the switched
capacitor filter circuit).
PCB layout of power and ground should not couple power
supply noise.
Accelerometer and microcontroller should not be a high
current path.
A/D sampling rate and any external power supply switching
frequency should be selected such that they do not interfere
with the internal accelerometer sampling frequency. This
will prevent aliasing errors.
Pin No.
Pin Name
Description
1 thru 3
Leave unconnected.
4
No internal connection. Leave
unconnected.
5
ST
Logic input pin used to initiate
self-test.
6XOUT
Output voltage of the
accelerometer. X Direction.
7
STATUS
Logic output pin to indicate
fault.
8VSS
The power supply ground.
9VDD
The power supply input.
10
AVDD
Power supply input (Analog).
11
YOUT
Output voltage of the
accelerometer. Y Direction.
12 thru 16
Used for factory trim. Leave
unconnected.
17 thru 19
No internal connection. Leave
unconnected.
20
GND
Ground.
14
15
16
17
18
19
20
8
7
6
5
4
3
2
1
13
N/C
ST
XOUT
STATUS
VDD
GND
N/C
N/C
N/C
N/C
N/C
N/C
12
10
9
11
VSS
AVDD
N/C
YOUT
N/C
N/C
N/C
N/C
10
XOUT
YOUT
MMA3201D
ST
VDD
VSS
R1
1 k
C2
0.01
µF
5
9
8
Logic
Input
VDD
C1
0.1
µF
7
6
C3
0.01
µF
R2
1 k
AVDD
11
Status
X Output
Signal
Y Output
Signal
P0
A/D In
VRH
VSS
VDD
ST
YOUT
VSS
VDD
0.01
µF
C
1 k
0.1
µF
0.1
µF
Power Supply
C
R
C
0.1
µF
P1
STATUS
A/D In
XOUT
R
0.01
µF
C
1 k
C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MMA3201D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMA3201D MOTOROLA-MMA3201D Datasheet
6Mb / 670P
   Sensor
logo
Freescale Semiconductor...
MMA3201D FREESCALE-MMA3201D Datasheet
275Kb / 10P
   Surface Mount Micromachined Accelerometer
MMA3201DR2 FREESCALE-MMA3201DR2 Datasheet
275Kb / 10P
   Surface Mount Micromachined Accelerometer
More results

Similar Description - MMA3201D

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA1210 FREESCALE-MMA1210 Datasheet
287Kb / 10P
   Surface Mount Micromachined Accelerometer
MMA1211 FREESCALE-MMA1211 Datasheet
288Kb / 10P
   Surface Mount Micromachined Accelerometer
MMA1213 FREESCALE-MMA1213 Datasheet
288Kb / 10P
   Surface Mount Micromachined Accelerometer
logo
NXP Semiconductors
MMA1211KEG NXP-MMA1211KEG Datasheet
180Kb / 10P
   Surface Mount Micromachined Accelerometer
Rev 0, 08/2011
MMA2301KEG NXP-MMA2301KEG Datasheet
166Kb / 11P
   Surface Mount Micromachined Accelerometer
Rev 1, 11/2012
MMA3202KEG NXP-MMA3202KEG Datasheet
181Kb / 11P
   Surface Mount Micromachined Accelerometer
Rev 1, 11/2012
logo
Freescale Semiconductor...
MMA3204KEG FREESCALE-MMA3204KEG Datasheet
152Kb / 10P
   Surface Mount Micromachined Accelerometer
logo
Motorola, Inc
MMA2201 MOTOROLA-MMA2201 Datasheet
99Kb / 8P
   Surface Mount Micromachined Accelerometer
logo
Freescale Semiconductor...
MMA3201KEG-12 FREESCALE-MMA3201KEG-12 Datasheet
117Kb / 11P
   Surface Mount Micromachined Accelerometer
MMA3221KEG FREESCALE-MMA3221KEG Datasheet
139Kb / 11P
   Surface Mount Micromachined Accelerometer
MMA3202D FREESCALE-MMA3202D Datasheet
221Kb / 12P
   Surface Mount Micromachined Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com