Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR04KW108 Datasheet(PDF) 1 Page - Alpha Wire

Part # LR04KW108
Description  Mini Male 7/8??to Mini Female 7/8??90 Degree
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

LR04KW108 Datasheet(HTML) 1 Page - Alpha Wire

  LR04KW108 Datasheet HTML 1Page - Alpha Wire LR04KW108 Datasheet HTML 2Page - Alpha Wire LR04KW108 Datasheet HTML 3Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • •
Alpha Wire | 711 Lidgerwood Ave, Elizabeth, NJ 07207
www.alphawire.com | 1-800-52 ALPHA
1
Customer Specification
PART NO: LR04KW108
Mini Male 7/8” to Mini Female 7/8” 90 Degree
Drawings
End 1
End 2
Technical Data
Cordage Construction
Diameters (In)
Cordage Part Number
108
Component 1
4 COND
a) Conductor
18 (41/34) AWG Bare Copper
0.043
b) Insulation
0.010” Wall, Nom. PVC, Semi Rigid
0.063
Insulation Colors
Brown, White, Blue, Black
Jacket
0.037” Wall, Nom. TPE
0.232
a) Color(s)
YELLOW
Cord Configuration
End 1
Mini Male 7/8”, External Threads
End 2
Mini Female 7/8” 90 Degree
Insert
Yellow TPU


Similar Part No. - LR04KW108

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
LR04KW114 ALPHAWIRE-LR04KW114 Datasheet
155Kb / 3P
   Mini Male 7/8??to Mini Female 90 Degree
More results

Similar Description - LR04KW108

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
LR03KW107 ALPHAWIRE-LR03KW107 Datasheet
153Kb / 2P
   Mini Male 7/8??to Mini Female 7/8??90 Degree
LR05KW109 ALPHAWIRE-LR05KW109 Datasheet
155Kb / 3P
   Mini Male 7/8??to Mini Female 7/8??90 Degree
LR05KW115 ALPHAWIRE-LR05KW115 Datasheet
156Kb / 3P
   Mini Male 7/8??to Mini Female 90 Degree
LR03KW113 ALPHAWIRE-LR03KW113 Datasheet
155Kb / 3P
   Mini Male 7/8??to Mini Female 90 degree
LR04KW114 ALPHAWIRE-LR04KW114 Datasheet
155Kb / 3P
   Mini Male 7/8??to Mini Female 90 Degree
KW0500115 ALPHAWIRE-KW0500115 Datasheet
137Kb / 2P
   Mini Female 7/8??90 Degree
KW0400114 ALPHAWIRE-KW0400114 Datasheet
136Kb / 2P
   Mini Female 7/8??90 Degree
LW0400108 ALPHAWIRE-LW0400108 Datasheet
136Kb / 2P
   Mini Male 7/8??90 Degree
LW0300107 ALPHAWIRE-LW0300107 Datasheet
134Kb / 2P
   Mini Male 7/8??90 Degree
KW0300113 ALPHAWIRE-KW0300113 Datasheet
136Kb / 2P
   Mini Female 7/8??90 Degree
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com