Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR04KW114 Datasheet(PDF) 1 Page - Alpha Wire

Part # LR04KW114
Description  Mini Male 7/8??to Mini Female 90 Degree
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

LR04KW114 Datasheet(HTML) 1 Page - Alpha Wire

  LR04KW114 Datasheet HTML 1Page - Alpha Wire LR04KW114 Datasheet HTML 2Page - Alpha Wire LR04KW114 Datasheet HTML 3Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • •
Alpha Wire | 711 Lidgerwood Ave, Elizabeth, NJ 07207
www.alphawire.com | 1-800-52 ALPHA
1
Customer Specification
PART NO: LR04KW114
Mini Male 7/8” to Mini Female 90 Degree
Drawings
End 1
End 2
Technical Data
Cordage Construction
Diameters (In)
Cordage Part Number
114
Component 1
4 COND
a) Conductor
16 (65/34) AWG Bare Copper
0.059
b) Insulation
0.016" Wall, Nom. PVC/ 0.005" Wall Nylon 0.101
Insulation Colors
Black, White, Red, Green/Yellow
Jacket
0.050” Wall, Nom. TPE
0.350
a) Color(s)
YELLOW
Cord Configuration
End 1
Mini Male 7/8”
End 2
Mini Female 7/8” 90 Degree
Insert
Yellow TPU
Mold Color
Yellow TPU
Contact
Copper Alloy, Gold over Silver plated


Similar Part No. - LR04KW114

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
LR04KW108 ALPHAWIRE-LR04KW108 Datasheet
158Kb / 3P
   Mini Male 7/8??to Mini Female 7/8??90 Degree
More results

Similar Description - LR04KW114

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
LR05KW115 ALPHAWIRE-LR05KW115 Datasheet
156Kb / 3P
   Mini Male 7/8??to Mini Female 90 Degree
LR03KW113 ALPHAWIRE-LR03KW113 Datasheet
155Kb / 3P
   Mini Male 7/8??to Mini Female 90 degree
LR03KW107 ALPHAWIRE-LR03KW107 Datasheet
153Kb / 2P
   Mini Male 7/8??to Mini Female 7/8??90 Degree
LR05KW109 ALPHAWIRE-LR05KW109 Datasheet
155Kb / 3P
   Mini Male 7/8??to Mini Female 7/8??90 Degree
LR04KW108 ALPHAWIRE-LR04KW108 Datasheet
158Kb / 3P
   Mini Male 7/8??to Mini Female 7/8??90 Degree
PR04KW114 ALPHAWIRE-PR04KW114 Datasheet
156Kb / 3P
   Mini Male 7/8??Internal Thread to Mini Female 90 Degree
PR05KW115 ALPHAWIRE-PR05KW115 Datasheet
157Kb / 3P
   Mini Male 7/8??Internal Thread to Mini Female 90 Degree
PR03KW113 ALPHAWIRE-PR03KW113 Datasheet
155Kb / 3P
   Mini Male 7/8??Internal Thread to Mini Female 90 Degree
KW0500115 ALPHAWIRE-KW0500115 Datasheet
137Kb / 2P
   Mini Female 7/8??90 Degree
KW0400114 ALPHAWIRE-KW0400114 Datasheet
136Kb / 2P
   Mini Female 7/8??90 Degree
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com