Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRC-12V10W1AX Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # DRC-12V10W1AX
Description  Protection Class II, Double Isolation
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DRC-12V10W1AX Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button DRC-12V10W1AX Datasheet HTML 2Page - Delta Electronics, Inc. DRC-12V10W1AX Datasheet HTML 3Page - Delta Electronics, Inc. DRC-12V10W1AX Datasheet HTML 4Page - Delta Electronics, Inc. DRC-12V10W1AX Datasheet HTML 5Page - Delta Electronics, Inc. DRC-12V10W1AX Datasheet HTML 6Page - Delta Electronics, Inc. DRC-12V10W1AX Datasheet HTML 7Page - Delta Electronics, Inc. DRC-12V10W1AX Datasheet HTML 8Page - Delta Electronics, Inc. DRC-12V10W1AX Datasheet HTML 9Page - Delta Electronics, Inc. DRC-12V10W1AX Datasheet HTML 10Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TECHNICAL DATASHEET
Chrome DIN Rail Power Supply
12V 9.96W 1 Phase (Class II & NEC Class 2) / DRC-12V10W1A
All parameters are specified at 25°C ambient unless otherwise indicated.
www.DeltaPSU.com (August 2016, Rev. 01)
9
Inrush Current
Inrush current is the peak, instantaneous, input current measured
and, occurs when the input voltage is first applied. For AC input
voltages, the maximum peak value of inrush current will occur
during the first half cycle of the applied AC voltage. This peak
value decreases exponentially during subsequent cycles of AC
voltage.
Dynamic Response
The power supply output voltage will remains within ±5% of its
steady state value, when subjected to a dynamic load from 10 to
100% of its rated current.
Overvoltage Protection
The power supply’s overvoltage circuit will be activated when its
internal feedback circuit fails. The output voltage shall not exceed
its specifications defined on Page 3 under “Protections”.
Overload & Overcurrent Protections
The power supply’s Overload (OLP) and Over current (OCP)
Protections will be activated when output current rapidly exceeds
105% of IO (Max load). In such occurrence, once the power
supply has reached its maximum power limit, the protection is
activated and the power supply will go into “Hiccup mode” (Auto-
Recovery). The power supply will recover once the fault condition
of the OLP and OCP is removed and IO is back within the
specifications.
Over Temperature Protection
As
mentioned
above,
the power
supply
also
has Over
Temperature Protection (OTP). In the event of a higher operating
condition at 100% load, the power supply will run into OTP when
the operating temperature is beyond what is recommended in the
de-rating graph. When activated, the output voltage will go into
latch-off mode until the component temperature cools down and
the AC power is recycled.
Short Circuit Protection
The power supply’s output OLP/OCP function also provides
protection against short circuits. When a short circuit is applied,
the output current will operate in “Hiccup mode”, as shown in the
illustration in the OLP/OCP section on this page. The power
supply will return to normal operation after the short circuit is
removed.


Similar Part No. - DRC-12V10W1AX

ManufacturerPart #DatasheetDescription
logo
Powerbox
DRC-12V10W1AZ POWERBOX-DRC-12V10W1AZ Datasheet
287Kb / 3P
   Double Isolation (No earth connection required)
More results

Similar Description - DRC-12V10W1AX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRC-12V30W1AX DELTA-DRC-12V30W1AX Datasheet
943Kb / 10P
   Protection Class II, Double Isolation
DRC-5V10W1AZ DELTA-DRC-5V10W1AZ Datasheet
757Kb / 10P
   Protection Class II, Double Isolation
DRC-24V100W1AX DELTA-DRC-24V100W1AX Datasheet
990Kb / 11P
   Protection Class II, Double Isolation
logo
Wall Industries,Inc.
PSAFC WALL-PSAFC_18 Datasheet
170Kb / 5P
   Isolation Class II
logo
List of Unclassifed Man...
PCI-1715U-AE ETC2-PCI-1715U-AE Datasheet
227Kb / 1P
   2,500 VDC isolation protection
logo
Marki Microwave
M1-0310 MARKIMICROWAVE-M1-0310 Datasheet
182Kb / 2P
   HIGH ISOLATION DOUBLE-BALANCED MIXERS
logo
List of Unclassifed Man...
XC-600140 ETC2-XC-600140 Datasheet
193Kb / 1P
   Class II Ceramic Disc Capacitors
logo
Powerbox
DRC POWERBOX-DRC Datasheet
287Kb / 3P
   Double Isolation (No earth connection required)
logo
Pomona Electronics
1837 POMONA-1837 Datasheet
26Kb / 1P
   Double Banana Plug, Three Terminal Isolation
logo
Nexperia B.V. All right...
PESD3V3S2UT-Q NEXPERIA-PESD3V3S2UT-Q Datasheet
245Kb / 12P
   Double ESD protection diode
10 June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com