Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRC-24V60W1AZ Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DRC-24V60W1AZ
Description  Power will not de-rate for the entire input voltage range
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DRC-24V60W1AZ Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DRC-24V60W1AZ Datasheet HTML 1Page - Delta Electronics, Inc. DRC-24V60W1AZ Datasheet HTML 2Page - Delta Electronics, Inc. DRC-24V60W1AZ Datasheet HTML 3Page - Delta Electronics, Inc. DRC-24V60W1AZ Datasheet HTML 4Page - Delta Electronics, Inc. DRC-24V60W1AZ Datasheet HTML 5Page - Delta Electronics, Inc. DRC-24V60W1AZ Datasheet HTML 6Page - Delta Electronics, Inc. DRC-24V60W1AZ Datasheet HTML 7Page - Delta Electronics, Inc. DRC-24V60W1AZ Datasheet HTML 8Page - Delta Electronics, Inc. DRC-24V60W1AZ Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TECHNICAL DATASHEET
Chrome DIN Rail Power Supply
24V 60W 1 Phase (Class II & NEC Class 2) / DRC-24V60W1AZ
All parameters are specified at 25°C ambient unless otherwise indicated.
www.DeltaPSU.com (July 2014, Rev. 00)
1
Highlights & Features
Protection Class II, Double Isolation
(No Earth connection is required)
Universal AC input voltage and full power up to 55°C
Power will not de-rate for the entire input voltage range
Efficiency > 88.0% @ 115Vac & 230Vac
NEC Class 2 / Limited Power Source (LPS) certified
Overvoltage / Overcurrent / Over Temperature Protections
Safety Standards
CB Certified for worldwide use
Model Number:
DRC-24V60W1AZ
Unit Weight:
0.22 kg
Dimensions (L x W x D): 91 x 71 x 55.6 mm
General Description
The DRC-24V60W1AZ is part of the Chrome DIN Rail Power Supply series, which is designed for use in compact cabinets for home
automations and the food and beverage industry. Delta’s Chrome DIN Rail Power Supply series offers double isolated input. This
means that no Earth connection is required thus resulting in low leakage current. This product provides a universal input voltage range
of 90-264Vac, and a wide temperature range of -25°C to 71°C. The Chrome series is certified to safety standard according to
IEC/EN/UL 60950-1 Information Technology Equipment (ITE) and UL 508 Industrial Control Equipment (ICE). The series is also fully
compliant with RoHS Directive 2011/65/EU for environmental protection. NEC Class 2 and Limited Power Source (LPS) approvals are
available for this product.
Model Information
Chrome DIN Rail Power Supply
Model Number
Input Voltage Range
Output Voltage
Output Current
DRC-24V60W1AZ
90-264Vac (125-375Vdc)
24Vdc
2.50A
Model Numbering
DR
C –
24V
60W
1
A
Z
DIN Rail
Isolation Class II
Power Supply
Output Voltage
Output Power
Single Phase
Chrome Series
Plastic Case


Similar Part No. - DRC-24V60W1AZ

ManufacturerPart #DatasheetDescription
logo
Powerbox
DRC-24V60W1AZ POWERBOX-DRC-24V60W1AZ Datasheet
287Kb / 3P
   Double Isolation (No earth connection required)
More results

Similar Description - DRC-24V60W1AZ

ManufacturerPart #DatasheetDescription
logo
Powerbox
DRP POWERBOX-DRP Datasheet
221Kb / 2P
   Power will not de-rate for the entire input voltage range
logo
Delta Electronics, Inc.
DRP048V120W1BX DELTA-DRP048V120W1BX Datasheet
1Mb / 15P
   Power will not de-rate for the entire input voltage range
DRP024V060W3BX DELTA-DRP024V060W3BX Datasheet
1Mb / 14P
   Power will not de-rate for the entire input voltage range
DRP024V120W1BX DELTA-DRP024V120W1BX Datasheet
1Mb / 15P
   Power will not de-rate for the entire input voltage range
logo
Powerbox
DRP-012V POWERBOX-DRP-012V Datasheet
346Kb / 2P
   Power will not de-rate for the entire input voltage range
logo
Delta Electronics, Inc.
PMC-12V035W1AX DELTA-PMC-12V035W1AX Datasheet
1,005Kb / 10P
   Power will not de-rate for the entire input voltage range
DRP012V030W1AX DELTA-DRP012V030W1AX Datasheet
1Mb / 12P
   Power will not de-rate for the entire input voltage range
logo
Holt Integrated Circuit...
HI-3000H HOLTIC-HI-3000H Datasheet
77Kb / 12P
   Will not disturb the bus if unpowered
logo
Marl International Limi...
538-501-75_1312 MARL-538-501-75_1312 Datasheet
395Kb / 5P
   Product will operate over a wide input voltage range
537-501-75_1312 MARL-537-501-75_1312 Datasheet
316Kb / 5P
   Product will operate over a wide input voltage range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com