Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRL-24V120W1AX Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # DRL-24V120W1AX
Description  Universal AC input voltage
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DRL-24V120W1AX Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button DRL-24V120W1AX Datasheet HTML 5Page - Delta Electronics, Inc. DRL-24V120W1AX Datasheet HTML 6Page - Delta Electronics, Inc. DRL-24V120W1AX Datasheet HTML 7Page - Delta Electronics, Inc. DRL-24V120W1AX Datasheet HTML 8Page - Delta Electronics, Inc. DRL-24V120W1AX Datasheet HTML 9Page - Delta Electronics, Inc. DRL-24V120W1AX Datasheet HTML 10Page - Delta Electronics, Inc. DRL-24V120W1AX Datasheet HTML 11Page - Delta Electronics, Inc. DRL-24V120W1AX Datasheet HTML 12Page - Delta Electronics, Inc. DRL-24V120W1AX Datasheet HTML 13Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TECHNICAL DATASHEET
LYTE DIN Rail Power Supply
24V 120W 1 Phase / DRL-24V120W1A
All parameters are specified at 25°C ambient and AC input unless otherwise indicated.
www.DeltaPSU.com (January 2016, Rev. 01)
9
Engineering Data
Output Load De-rating VS Surrounding Air Temperature
Output Load De-rating VS Input Voltage
Note
1.
Power supply components may degrade, or
be damaged, when the power supply is
continuously used outside the shaded region,
refer to the graph shown in Fig. 1.
2.
If the output capacity is not reduced when the
surrounding air temperature >40°C (115Vac)
or >50°C (230Vac), the device will run into
Over
Temperature
Protection.
When
activated, the output voltage will go into
bouncing mode and will recover when the
surrounding air temperature is lowered or the
load is reduced as far as necessary to keep
the device in working condition.
3.
In order for the device to function in the
manner intended, it is also necessary to keep
a safety distance as recommended in the
safety instructions while the device is in
operation.
4.
Depending
on
the
surrounding
air
temperature and output load delivered by the
power supply, the device can be very hot!
5.
If the device has to be mounted in any other
orientation,
please
contact
info@deltapsu.com for more details.
No output power de-rating for the input
voltage from 100Vac to 264Vac
Fig. 1
De-rating for Vertical Mounting Orientation
-10°C to -20°C de-rate power by 2%/°C
> 40°C de-rate power by 1.67% / °C @ 115Vac
> 50°C de-rate power by 2.5% / °C @ 230Vac


Similar Part No. - DRL-24V120W1AX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRL-24V240W1AX DELTA-DRL-24V240W1AX Datasheet
860Kb / 15P
   Built-in constant current circuit for reactive loads
DRL-24V480W1AX DELTA-DRL-24V480W1AX Datasheet
880Kb / 15P
   LYTE DIN Rail Power Supply
More results

Similar Description - DRL-24V120W1AX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP012V015W1AX DELTA-DRP012V015W1AX Datasheet
1Mb / 12P
   Universal AC input voltage
DRP024V060W1NX DELTA-DRP024V060W1NX Datasheet
1Mb / 14P
   Universal AC input voltage
DRL-48V120W1AX DELTA-DRL-48V120W1AX Datasheet
781Kb / 15P
   Universal AC input voltage
DRP024V060W1BX DELTA-DRP024V060W1BX Datasheet
1Mb / 15P
   Universal AC input voltage range
DRM-24V120W1PN DELTA-DRM-24V120W1PN Datasheet
1Mb / 20P
   Universal AC input voltage range
DRM-24V240W1PN DELTA-DRM-24V240W1PN Datasheet
951Kb / 20P
   Universal AC input voltage range
logo
Emerson Network Power
AD2412N3L EMERSON-NETWORKPOWER-AD2412N3L_10 Datasheet
322Kb / 2P
   Universal AC input
logo
Recom International Pow...
RACD100-ENEC RECOM-RACD100-ENEC Datasheet
128Kb / 2P
   Universal AC Input
logo
Emerson Network Power
AD2412N3L EMERSON-NETWORKPOWER-AD2412N3L Datasheet
403Kb / 2P
   Universal AC input
AD8024N3L-001 EMERSON-NETWORKPOWER-AD8024N3L-001 Datasheet
500Kb / 2P
   Universal AC input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com