Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRL-48V120W1AX Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # DRL-48V120W1AX
Description  Universal AC input voltage
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DRL-48V120W1AX Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button DRL-48V120W1AX Datasheet HTML 4Page - Delta Electronics, Inc. DRL-48V120W1AX Datasheet HTML 5Page - Delta Electronics, Inc. DRL-48V120W1AX Datasheet HTML 6Page - Delta Electronics, Inc. DRL-48V120W1AX Datasheet HTML 7Page - Delta Electronics, Inc. DRL-48V120W1AX Datasheet HTML 8Page - Delta Electronics, Inc. DRL-48V120W1AX Datasheet HTML 9Page - Delta Electronics, Inc. DRL-48V120W1AX Datasheet HTML 10Page - Delta Electronics, Inc. DRL-48V120W1AX Datasheet HTML 11Page - Delta Electronics, Inc. DRL-48V120W1AX Datasheet HTML 12Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TECHINCAL DATASHEET
LYTE DIN Rail Power Supply
48V 120W 1 Phase / DRL-48V120W1A
All parameters are specified at 25°C ambient and AC input unless otherwise indicated.
www.DeltaPSU.com (January 2016, Rev. 01)
8
L x W x D: 123.6 x 40 x 117.6 mm (4.86 x 1.57 x 4.62 inch)
DRL-48V120W1AS


Similar Part No. - DRL-48V120W1AX

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DRL-01 MEANWELL-DRL-01 Datasheet
42Kb / 1P
   Mounting Accessories
logo
Advantech Co., Ltd.
DRL-01 ADVANTECH-DRL-01 Datasheet
267Kb / 1P
   ?쏬??Mounting Brackets ??for Mean Well Power Supplies
logo
Mean Well Enterprises C...
DRL-02 MEANWELL-DRL-02 Datasheet
42Kb / 1P
   Mounting Accessories
DRL-03A MEANWELL-DRL-03A Datasheet
48Kb / 1P
   Mounting Accessories
logo
Delta Electronics, Inc.
DRL-24V120W1AX DELTA-DRL-24V120W1AX Datasheet
779Kb / 15P
   Universal AC input voltage
More results

Similar Description - DRL-48V120W1AX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP012V015W1AX DELTA-DRP012V015W1AX Datasheet
1Mb / 12P
   Universal AC input voltage
DRL-24V120W1AX DELTA-DRL-24V120W1AX Datasheet
779Kb / 15P
   Universal AC input voltage
DRP024V060W1NX DELTA-DRP024V060W1NX Datasheet
1Mb / 14P
   Universal AC input voltage
DRP024V060W1BX DELTA-DRP024V060W1BX Datasheet
1Mb / 15P
   Universal AC input voltage range
DRM-24V120W1PN DELTA-DRM-24V120W1PN Datasheet
1Mb / 20P
   Universal AC input voltage range
DRM-24V240W1PN DELTA-DRM-24V240W1PN Datasheet
951Kb / 20P
   Universal AC input voltage range
logo
Emerson Network Power
AD2412N3L EMERSON-NETWORKPOWER-AD2412N3L_10 Datasheet
322Kb / 2P
   Universal AC input
logo
Recom International Pow...
RACD100-ENEC RECOM-RACD100-ENEC Datasheet
128Kb / 2P
   Universal AC Input
logo
Emerson Network Power
AD2412N3L EMERSON-NETWORKPOWER-AD2412N3L Datasheet
403Kb / 2P
   Universal AC input
AD8024N3L-001 EMERSON-NETWORKPOWER-AD8024N3L-001 Datasheet
500Kb / 2P
   Universal AC input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com