Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRL-48V120W1AX Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part # DRL-48V120W1AX
Description  Universal AC input voltage
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DRL-48V120W1AX Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button DRL-48V120W1AX Datasheet HTML 6Page - Delta Electronics, Inc. DRL-48V120W1AX Datasheet HTML 7Page - Delta Electronics, Inc. DRL-48V120W1AX Datasheet HTML 8Page - Delta Electronics, Inc. DRL-48V120W1AX Datasheet HTML 9Page - Delta Electronics, Inc. DRL-48V120W1AX Datasheet HTML 10Page - Delta Electronics, Inc. DRL-48V120W1AX Datasheet HTML 11Page - Delta Electronics, Inc. DRL-48V120W1AX Datasheet HTML 12Page - Delta Electronics, Inc. DRL-48V120W1AX Datasheet HTML 13Page - Delta Electronics, Inc. DRL-48V120W1AX Datasheet HTML 14Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
TECHINCAL DATASHEET
LYTE DIN Rail Power Supply
48V 120W 1 Phase / DRL-48V120W1A
All parameters are specified at 25°C ambient and AC input unless otherwise indicated.
www.DeltaPSU.com (January 2016, Rev. 01)
10
Assembly & Installation
The power supply unit (PSU) can be mounted on 35mm DIN rails in accordance with EN 60715. The device should be installed with
input terminal block at the bottom.
Each device is delivered ready to install.
Mounting
Dismounting
Fig. 2.1 Mounting
Snap on the DIN rail as shown in Fig. 2.1:
1.
Tilt the unit upwards and insert it onto the DIN rail.
2.
Push downwards until stopped.
3.
Press against the bottom front side for locking.
4.
Shake the unit slightly to ensure that it is secured.
Fig. 2.2 Dismounting
To uninstall, pull or slide down the latch with screw driver as
shown in Fig. 2.2. Then slide the power supply unit (PSU) in
the opposite direction, release the latch and pull out the power
supply unit (PSU) from the rail.
In accordance to EN 60950 / UL 60950, flexible cables require ferrules.
Use appropriate copper cables designed to sustain operating temperature of at least 60°C / 75°C or more to fulfill UL requirements.


Similar Part No. - DRL-48V120W1AX

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DRL-01 MEANWELL-DRL-01 Datasheet
42Kb / 1P
   Mounting Accessories
logo
Advantech Co., Ltd.
DRL-01 ADVANTECH-DRL-01 Datasheet
267Kb / 1P
   ?쏬??Mounting Brackets ??for Mean Well Power Supplies
logo
Mean Well Enterprises C...
DRL-02 MEANWELL-DRL-02 Datasheet
42Kb / 1P
   Mounting Accessories
DRL-03A MEANWELL-DRL-03A Datasheet
48Kb / 1P
   Mounting Accessories
logo
Delta Electronics, Inc.
DRL-24V120W1AX DELTA-DRL-24V120W1AX Datasheet
779Kb / 15P
   Universal AC input voltage
More results

Similar Description - DRL-48V120W1AX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP012V015W1AX DELTA-DRP012V015W1AX Datasheet
1Mb / 12P
   Universal AC input voltage
DRL-24V120W1AX DELTA-DRL-24V120W1AX Datasheet
779Kb / 15P
   Universal AC input voltage
DRP024V060W1NX DELTA-DRP024V060W1NX Datasheet
1Mb / 14P
   Universal AC input voltage
DRP024V060W1BX DELTA-DRP024V060W1BX Datasheet
1Mb / 15P
   Universal AC input voltage range
DRM-24V120W1PN DELTA-DRM-24V120W1PN Datasheet
1Mb / 20P
   Universal AC input voltage range
DRM-24V240W1PN DELTA-DRM-24V240W1PN Datasheet
951Kb / 20P
   Universal AC input voltage range
logo
Emerson Network Power
AD2412N3L EMERSON-NETWORKPOWER-AD2412N3L_10 Datasheet
322Kb / 2P
   Universal AC input
logo
Recom International Pow...
RACD100-ENEC RECOM-RACD100-ENEC Datasheet
128Kb / 2P
   Universal AC Input
logo
Emerson Network Power
AD2412N3L EMERSON-NETWORKPOWER-AD2412N3L Datasheet
403Kb / 2P
   Universal AC input
AD8024N3L-001 EMERSON-NETWORKPOWER-AD8024N3L-001 Datasheet
500Kb / 2P
   Universal AC input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com