Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MN66279RSC Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # MN66279RSC
Description  LSI FOR COMPACT DISC/CD ROM PLAYER
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN66279RSC Datasheet(HTML) 5 Page - Panasonic Semiconductor

  MN66279RSC Datasheet HTML 1Page - Panasonic Semiconductor MN66279RSC Datasheet HTML 2Page - Panasonic Semiconductor MN66279RSC Datasheet HTML 3Page - Panasonic Semiconductor MN66279RSC Datasheet HTML 4Page - Panasonic Semiconductor MN66279RSC Datasheet HTML 5Page - Panasonic Semiconductor MN66279RSC Datasheet HTML 6Page - Panasonic Semiconductor MN66279RSC Datasheet HTML 7Page - Panasonic Semiconductor MN66279RSC Datasheet HTML 8Page - Panasonic Semiconductor MN66279RSC Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 96 page
background image
MN662790RSC
SDD00025AEM
1BCLKO
Bit clock output for SRDATA
2LRCKO
L/R identification signal output
3SRDATAO
Serial data output
                        
4DVDD1
IPower supply for digital circuits
5DVSS1
IGround for digital circuits
                     
6TXO
Digital audio interface output signal
           
7MCLKI
8MDATAI
Microcomputer command data signal input
              
       
9MLDI
Microcomputer command load signal inputL: Load
     
10SENSEO
Sense signal output (OFT, FESL, ACEND, AJEND, SFG)
11O
Focus servo pull-in signal
(L: Pull-in status)
12O
Tracking servo pull-in signal(L: Pull-in status)
13BLKCKO
At default value:
External clock input for subcode Q register
14I
At command execution: General-purpose I/O port
In CD-TEXT 2 mode:
Clock input for TEXT data reading
Subcode Q-data output
In CD-TEXT 2 mode: TEXT data output
16DMUTEI
Muting inputH: Mute
17STATO
Status signal (CRC, STCNT, CLVS, TTSTOP, JCLVS, SQOK, FLAG6,
SENSE, FLOCK, TLOCK, rotating speed data, FCLV, SUBQ, SYFLG)
In CD-TEXT 3 mode: Subcode Q and TEXT data output
18RSTI
Reset inputL: Reset
19SMCKO
8.4672-MHz clock signal output at MSEL
=H
4.2336-MHz clock signal output at MSEL
=L
20CSELI
6. Pin descriptions
No.SymbolI/OFunction
FLOCK
TLOCK
SQCK/
GIO0
15
SUBQ
O
Oscillation frequency selection pin
H: 33.8688 MHz
L: 16.9344 MHz
Pin for
5-V input
Microcomputer command clock signal input
(Latches the data at a rising edge)
Subcode block clock signal
(fBLKCK=75 Hz)
At command execution: CD-TEXT data reading enable signal (DQSY) output
5


Similar Part No. - MN66279RSC

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
MN662793 ETL-MN662793 Datasheet
818Kb / 41P
   Silicon CMOS IC
More results

Similar Description - MN66279RSC

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN662785TBUC PANASONIC-MN662785TBUC Datasheet
1Mb / 89P
   LSI FOR COMPACT DISC/CD ROM PLAYER
logo
Rohm
BU9354KV ROHM-BU9354KV Datasheet
59Kb / 3P
   System LSI for CD player
logo
Sony Corporation
CXA2556Q SONY-CXA2556Q Datasheet
318Kb / 22P
   RF Amplifier for CD Player/CD-ROM
CXA2555Q SONY-CXA2555Q Datasheet
331Kb / 22P
   RF Amplifier for CD Player/CD-ROM
CXA2557R SONY-CXA2557R Datasheet
543Kb / 35P
   RF Amplifier for CD Player/CD-ROM
CXA2525AM SONY-CXA2525AM Datasheet
269Kb / 13P
   RF Amplifier for CD Player and CD-ROM
CXA2521AQ SONY-CXA2521AQ Datasheet
341Kb / 17P
   RF AMPLIFIER FOR CD PLAYER AND CD-ROM
CXA2515AM SONY-CXA2515AM Datasheet
270Kb / 13P
   RF Amplifier for CD Player and CD-ROM
logo
Rohm
BA5969FP ROHM-BA5969FP Datasheet
370Kb / 12P
   Power Driver for Compact Disc Player
logo
Sanyo Semicon Device
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com