Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRP024V120W1BX Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # DRP024V120W1BX
Description  Power will not de-rate for the entire input voltage range
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DRP024V120W1BX Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button DRP024V120W1BX Datasheet HTML 7Page - Delta Electronics, Inc. DRP024V120W1BX Datasheet HTML 8Page - Delta Electronics, Inc. DRP024V120W1BX Datasheet HTML 9Page - Delta Electronics, Inc. DRP024V120W1BX Datasheet HTML 10Page - Delta Electronics, Inc. DRP024V120W1BX Datasheet HTML 11Page - Delta Electronics, Inc. DRP024V120W1BX Datasheet HTML 12Page - Delta Electronics, Inc. DRP024V120W1BX Datasheet HTML 13Page - Delta Electronics, Inc. DRP024V120W1BX Datasheet HTML 14Page - Delta Electronics, Inc. DRP024V120W1BX Datasheet HTML 15Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
TECHNICAL DATASHEET
CliQ II DIN Rail Power Supply
24V 120W 1 Phase / DRP024V120W1B
All parameters are specified at 25°C ambient and AC input unless otherwise indicated.
www.DeltaPSU.com (May 2015, Rev. 04)
11
Functions
Graph illustrating the Start-up Time, Rise Time, and Hold-up Time
Start-up Time
The time required for the output voltage to reach 90% of its set value, after the input voltage is applied.
Rise Time
The time required for the output voltage to change from 10% to 90% of its set value.
Hold-up Time
Hold up time is the time when the AC input collapses and output voltage retains regulation for a certain period of time. The time
required for the output to reach 90% of its set value, after the input voltage is removed.
Inrush Current
Inrush current is the peak, instantaneous, input current measured
and, occurs when the input voltage is first applied. For AC input
voltages, the maximum peak value of inrush current will occur
during the first half cycle of the applied AC voltage. This peak
value decreases exponentially during subsequent cycles of AC
voltage.
Dynamic Response
The power supply output voltage will remains within ±5% of its
steady state value, when subjected to a dynamic load from 0 to
100% of its rated current.


Similar Part No. - DRP024V120W1BX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP024V120W1BA DELTA-DRP024V120W1BA Datasheet
725Kb / 12P
   CliQ II DIN Rail Power Supply
DRP024V120W1BN DELTA-DRP024V120W1BN Datasheet
725Kb / 12P
   CliQ II DIN Rail Power Supply
logo
Powerbox
DRP024V120W1BN POWERBOX-DRP024V120W1BN Datasheet
221Kb / 2P
   Power will not de-rate for the entire input voltage range
More results

Similar Description - DRP024V120W1BX

ManufacturerPart #DatasheetDescription
logo
Powerbox
DRP POWERBOX-DRP Datasheet
221Kb / 2P
   Power will not de-rate for the entire input voltage range
logo
Delta Electronics, Inc.
DRP048V120W1BX DELTA-DRP048V120W1BX Datasheet
1Mb / 15P
   Power will not de-rate for the entire input voltage range
DRC-24V60W1AZ DELTA-DRC-24V60W1AZ Datasheet
1Mb / 11P
   Power will not de-rate for the entire input voltage range
DRP024V060W3BX DELTA-DRP024V060W3BX Datasheet
1Mb / 14P
   Power will not de-rate for the entire input voltage range
logo
Powerbox
DRP-012V POWERBOX-DRP-012V Datasheet
346Kb / 2P
   Power will not de-rate for the entire input voltage range
logo
Delta Electronics, Inc.
PMC-12V035W1AX DELTA-PMC-12V035W1AX Datasheet
1,005Kb / 10P
   Power will not de-rate for the entire input voltage range
DRP012V030W1AX DELTA-DRP012V030W1AX Datasheet
1Mb / 12P
   Power will not de-rate for the entire input voltage range
logo
Holt Integrated Circuit...
HI-3000H HOLTIC-HI-3000H Datasheet
77Kb / 12P
   Will not disturb the bus if unpowered
logo
Marl International Limi...
538-501-75_1312 MARL-538-501-75_1312 Datasheet
395Kb / 5P
   Product will operate over a wide input voltage range
537-501-75_1312 MARL-537-501-75_1312 Datasheet
316Kb / 5P
   Product will operate over a wide input voltage range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com