Electronic Components Datasheet Search |
|
ESD7361 Datasheet(PDF) 5 Page - ON Semiconductor |
|
ESD7361 Datasheet(HTML) 5 Page - ON Semiconductor |
5 / 9 page ESD7361, SZESD7361 www.onsemi.com 5 Figure 11. Positive TLP I−V Curve Figure 12. Negative TLP I−V Curve VC, VOLTAGE (V) 25 040 35 30 510 15 25 20 VC, VOLTAGE (V) −25 0 −14 −12 −10 −2 −4 −6 −8 NOTE: TLP parameter: Z0 = 50 W, tp = 100 ns, tr = 300 ps, averaging window: t1 = 30 ns to t2 = 60 ns. VIEC is the equivalent voltage stress level calculated at the secondary peak of the IEC 61000−4−2 waveform at t = 30 ns with 2 A/kV. See TLP description below for more information. 20 15 10 5 0 −20 −15 −10 −5 0 Transmission Line Pulse (TLP) Measurement Transmission Line Pulse (TLP) provides current versus voltage (I−V) curves in which each data point is obtained from a 100 ns long rectangular pulse from a charged transmission line. A simplified schematic of a typical TLP system is shown in Figure 13. TLP I−V curves of ESD protection devices accurately demonstrate the product’s ESD capability because the 10s of amps current levels and under 100 ns time scale match those of an ESD event. This is illustrated in Figure 14 where an 8 kV IEC 61000−4−2 current waveform is compared with TLP current pulses at 8 A and 16 A. A TLP I−V curve shows the voltage at which the device turns on as well as how well the device clamps voltage over a range of current levels. Figure 13. Simplified Schematic of a Typical TLP System DUT L S ÷ Oscilloscope Attenuator 10 M W VC VM IM 50 W Coax Cable 50 W Coax Cable Figure 14. Comparison Between 8 kV IEC 61000−4−2 and 8 A and 16 A TLP Waveforms |
Similar Part No. - ESD7361_16 |
|
Similar Description - ESD7361_16 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |