Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD7381 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ESD7381
Description  ESD Protection Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD7381 Datasheet(HTML) 3 Page - ON Semiconductor

  ESD7381 Datasheet HTML 1Page - ON Semiconductor ESD7381 Datasheet HTML 2Page - ON Semiconductor ESD7381 Datasheet HTML 3Page - ON Semiconductor ESD7381 Datasheet HTML 4Page - ON Semiconductor ESD7381 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ESD7381
www.onsemi.com
3
Figure 3. IV Characteristics
Figure 4. CV Characteristics
V1 (V)
VBias (V)
1.E−11
1.E−10
1.E−09
1.E−08
1.E−07
1.E−06
1.E−05
1.E−04
1.E−03
1.E−02
−1
0
1
2
3
4
5
6
7
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
0.5
1
1.5
2
2.5
3
3.5
4
Figure 5. RF Insertion Loss
Figure 6. Capacitance over Frequency
FREQUENCY
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.E+00
5.E+08
1.E+09
2.E+09
2.E+09
3.E+09 3.E+09
89
3.3 V
0 V
FREQUENCY (Hz)
−10
−9
−8
−7
−6
−5
−4
−3
−2
−1
1.E+06
1.E+07
1.E+08
1.E+09
1.E+10
0
1
35
30
25
20
15
10
5
0
02
18
16
14
12
46
8
10
Figure 7. Positive TLP I−V Curve
VOLTAGE (V)
−35
0
Figure 8. Negative TLP I−V Curve
VOLTAGE (V)
−30
−25
−20
−15
−10
−5
0
−2
−4
−14
−12
−10
−6
−8


Similar Part No. - ESD7381

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD7381MUT5G ONSEMI-ESD7381MUT5G Datasheet
140Kb / 5P
   Transient Voltage Suppressors Micro.Packaged Diodes for ESD Protection
July, 2012 ??Rev. 2
More results

Similar Description - ESD7381

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD1L001 ONSEMI-ESD1L001 Datasheet
457Kb / 6P
   ESD Protection Diodes
May, 2017 ??Rev. 0
ESD7551 ONSEMI-ESD7551 Datasheet
71Kb / 5P
   ESD Protection Diodes
November, 2016 ??Rev. 0
ESD7321 ONSEMI-ESD7321_16 Datasheet
130Kb / 5P
   ESD Protection Diodes
May, 2016 ??Rev. 2
ESD8011 ONSEMI-ESD8011 Datasheet
270Kb / 8P
   ESD Protection Diodes
September, 2015 ??Rev. 3
ESD8101 ONSEMI-ESD8101 Datasheet
153Kb / 8P
   ESD Protection Diodes
August, 2015 ??Rev. 1
ESD8351 ONSEMI-ESD8351_16 Datasheet
286Kb / 9P
   ESD Protection Diodes
May, 2016 ??Rev. 8
ESD5381 ONSEMI-ESD5381_16 Datasheet
93Kb / 5P
   ESD Protection Diodes
May, 2016 ??Rev. 6
logo
Diodes Incorporated
D2V8F4U8MR DIODES-D2V8F4U8MR Datasheet
412Kb / 5P
   ESD PROTECTION DIODES
Rev. 2 - 2 August 2022
logo
Pan Jit International I...
PJSD05MLTM PANJIT-PJSD05MLTM Datasheet
80Kb / 3P
   ESD PROTECTION DIODES
logo
ON Semiconductor
SRV05-4 ONSEMI-SRV05-4 Datasheet
147Kb / 9P
   ESD Protection Diodes
November, 2011 ??Rev. 1
ESD8351P2 ONSEMI-ESD8351P2 Datasheet
282Kb / 8P
   ESD Protection Diodes
April, 2017 ??Rev. 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com