Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSPM0101MUT5G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NSPM0101MUT5G
Description  Transient Voltage
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSPM0101MUT5G Datasheet(HTML) 1 Page - ON Semiconductor

  NSPM0101MUT5G Datasheet HTML 1Page - ON Semiconductor NSPM0101MUT5G Datasheet HTML 2Page - ON Semiconductor NSPM0101MUT5G Datasheet HTML 3Page - ON Semiconductor NSPM0101MUT5G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2017
April, 2017 − Rev. 0
1
Publication Order Number:
NSPM0101/D
NSPM0101
Transient Voltage
Suppressors
Features
Protection for the following IEC Standards:
IEC61000−4−2 Level 4:
±30 kV Contact Discharge
IEC61000−4−5 (Lightning) 60 A (8/20
ms)
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
IEC 61000−4−2 (ESD)
Contact
Air
±30
±30
kV
Operating Junction and Storage
Temperature Range
TJ, Tstg
−65 to +150
°C
Maximum Peak Pulse Current
8/20
ms @ TA = 25°C
IPP
60
A
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
Device
Package
Shipping
ORDERING INFORMATION
www.onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
NSPM0101MUT5G
UDFN2
(Pb−Free)
8000 / Tape &
Reel
MARKING
DIAGRAM
1
Cathode
2
Anode
UDFN2
CASE 517CZ
EM
E
= Specific Device Code
M
= Date Code


Similar Part No. - NSPM0101MUT5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSPM0051 ONSEMI-NSPM0051 Datasheet
92Kb / 6P
   Transient Voltage Suppressors
November, 2014 ??Rev. 1
NSPM0051MUT5G ONSEMI-NSPM0051MUT5G Datasheet
92Kb / 6P
   Transient Voltage Suppressors
November, 2014 ??Rev. 1
NSPM0061 ONSEMI-NSPM0061 Datasheet
92Kb / 6P
   Transient Voltage Suppressors
April, 2017 ??Rev. 0
NSPM0061MUT5G ONSEMI-NSPM0061MUT5G Datasheet
92Kb / 6P
   Transient Voltage Suppressors
April, 2017 ??Rev. 0
More results

Similar Description - NSPM0101MUT5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1N6267A ONSEMI-1N6267A Datasheet
64Kb / 8P
   1500 Watt MosorbE Zener Transient Voltage Transient Voltage
June, 2002 ??Rev. 5
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com