Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRP024V120W3BX Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # DRP024V120W3BX
Description  CliQ II DIN Rail Power Supply
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DRP024V120W3BX Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button DRP024V120W3BX Datasheet HTML 4Page - Delta Electronics, Inc. DRP024V120W3BX Datasheet HTML 5Page - Delta Electronics, Inc. DRP024V120W3BX Datasheet HTML 6Page - Delta Electronics, Inc. DRP024V120W3BX Datasheet HTML 7Page - Delta Electronics, Inc. DRP024V120W3BX Datasheet HTML 8Page - Delta Electronics, Inc. DRP024V120W3BX Datasheet HTML 9Page - Delta Electronics, Inc. DRP024V120W3BX Datasheet HTML 10Page - Delta Electronics, Inc. DRP024V120W3BX Datasheet HTML 11Page - Delta Electronics, Inc. DRP024V120W3BX Datasheet HTML 12Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TECHNICAL DATASHEET
CliQ II DIN Rail Power Supply
24V 120W 3 Phase / DRP024V120W3B
All parameters are specified at 25°C ambient unless otherwise indicated.
www.DeltaPSU.com (May 2014, Rev. 02)
8
Output De-rating VS. Input Voltage
Assembly & Installation
The power supply unit (PSU) can be mounted on 35mm DIN rails in accordance with EN 60715. For Vertical Mounting, the device
should be installed with input terminal block at the bottom. For Horizontal Mounting, the device should be installed with input terminal
block on the left side.
Each device is delivered ready to install.
Mounting
No output power de-rating across the entire
input
voltage
range
3
x
320-600Vac
(3-Phase) or 2 x 360-600Vac (2-Phase)
Dismounting
Fig. 2.1 Mounting
Snap on the DIN rail as shown in Fig. 2.1:
1.
Tilt the unit upwards and insert it onto the DIN rail.
2.
Push downwards until stopped.
3.
Press against the bottom front side for locking.
4.
Shake the unit slightly to ensure that it is secured.
Fig. 2.2 Dismounting
To uninstall, pull or slide down the latch with screw driver as
shown in Fig. 2.2. Then slide the power supply unit (PSU) in
the opposite direction, release the latch and pull out the power
supply unit (PSU) from the rail.
In accordance to EN 60950 / UL 50950, flexible cables require ferrules.
Use appropriate copper cables designed to sustain operating temperature of:
1.
60°C, 60°C / 75°C for USA
2.
At least 75°C for ambient not exceeding 50°C, and 90°C for ambient exceeding 50°C for Canada.


Similar Part No. - DRP024V120W3BX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP024V120W3BA DELTA-DRP024V120W3BA Datasheet
1,013Kb / 14P
   CliQ II DIN Rail Power Supply
DRP024V120W3BN DELTA-DRP024V120W3BN Datasheet
1,013Kb / 14P
   CliQ II DIN Rail Power Supply
More results

Similar Description - DRP024V120W3BX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP-24V100W1NN DELTA-DRP-24V100W1NN Datasheet
1Mb / 13P
   CliQ II DIN Rail Power Supply
DRP024V060W1BN DELTA-DRP024V060W1BN Datasheet
708Kb / 12P
   CliQ II DIN Rail Power Supply
DRP024V120W3BA DELTA-DRP024V120W3BA Datasheet
1,013Kb / 14P
   CliQ II DIN Rail Power Supply
DRP024V480W1BA DELTA-DRP024V480W1BA Datasheet
735Kb / 12P
   CliQ II DIN Rail Power Supply
DRP048V060W1BN DELTA-DRP048V060W1BN Datasheet
1Mb / 16P
   CliQ II DIN Rail Power Supply
DRP024V060W3BA DELTA-DRP024V060W3BA Datasheet
1Mb / 14P
   CliQ II DIN Rail Power Supply
DRP024V240W1BA DELTA-DRP024V240W1BA Datasheet
648Kb / 12P
   CliQ II DIN Rail Power Supply
DRP024V240W3BX DELTA-DRP024V240W3BX Datasheet
1Mb / 14P
   CliQ II DIN Rail Power Supply
DRP024V240W1BX DELTA-DRP024V240W1BX Datasheet
1Mb / 15P
   CliQ II DIN Rail Power Supply
DRP024V480W3BX DELTA-DRP024V480W3BX Datasheet
1Mb / 14P
   CliQ II DIN Rail Power Supply
DRP024V960W3BN DELTA-DRP024V960W3BN Datasheet
1Mb / 14P
   CliQ II DIN Rail Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com