Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRS-24V30W1NZ Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # DRS-24V30W1NZ
Description  Sync DIN Rail Power Supply
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DRS-24V30W1NZ Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  DRS-24V30W1NZ Datasheet HTML 1Page - Delta Electronics, Inc. DRS-24V30W1NZ Datasheet HTML 2Page - Delta Electronics, Inc. DRS-24V30W1NZ Datasheet HTML 3Page - Delta Electronics, Inc. DRS-24V30W1NZ Datasheet HTML 4Page - Delta Electronics, Inc. DRS-24V30W1NZ Datasheet HTML 5Page - Delta Electronics, Inc. DRS-24V30W1NZ Datasheet HTML 6Page - Delta Electronics, Inc. DRS-24V30W1NZ Datasheet HTML 7Page - Delta Electronics, Inc. DRS-24V30W1NZ Datasheet HTML 8Page - Delta Electronics, Inc. DRS-24V30W1NZ Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TECHNICAL DATASHEET
Sync DIN Rail Power Supply
24V 30W 1 Phase (NEC Class 2) / DRS-24V30W1NZ
All parameters are specified at 25°C ambient and AC input unless otherwise indicated.
www.DeltaPSU.com (January 2016, Rev. 00)
2
Specifications
Input Ratings / Characteristics
Nominal Input Voltage
100-240Vac
Input Voltage Range
85-264Vac
Nominal Input Frequency
50-60Hz
Input Frequency Range
47-63Hz
DC Input Voltage Range*
120-375Vdc
Input Current
< 0.55A @ 115Vac, < 0.35A @ 230Vac
Efficiency at 100% Load
> 87.5% @ 115Vac, > 88.0% @ 230Vac
Max Power Dissipation
0% load
100% load
< 0.5W @ 115Vac & 230Vac
< 4.5W @ 115Vac & 230Vac
Max Inrush Current (Cold Start)
< 20A @ 115Vac, < 40A @ 230Vac
Leakage Current
(Neutral to PE terminal)
< 0.5mA @ 264Vac
*Fulfills test conditions for DC input. Safety approval for DC input can be obtained upon request.
Output Ratings / Characteristics**
Nominal Output Voltage
24Vdc
Factory Set Point Tolerance
24Vdc ± 2%
Output Voltage Adjustment Range
24-28Vdc
Output Current
1.25A (30W max.)
Output Power
30W
Line Regulation
< 0.5% (@ 85-264Vac, 100% load)
Load Regulation
< 1.0% (@ 85-264Vac, 0-100% load)
PARD*** (20MHz)
< 75mVpp @ > 0°C to 70°C
< 150mVpp @ 0°C to -20°C
Rise Time
< 30ms @ nominal input (100% load)
Start-up Time
< 2,500ms @ 115Vac (100% load)
< 1,000ms @ 230Vac (100% load)
Hold-up Time
> 20ms @ 115Vac (100% load)
> 100ms @ 230Vac (100% load)
Dynamic Response (Overshoot & Undershoot O/P Voltage)
± 5% @ 85-264Vac input, 0-100% load
(Slew Rate: 0.1A/μS, 50% duty cycle @ 5Hz to 1KHz)
Start-up with Capacitive Loads
3,000µF Max
**For power de-rating from < -10°C to -20°C, and 55°C to 70°C, see power de-rating on page 3.
*
**PARD is measured with an AC coupling mode, 5cm wires, and in parallel with 0.1μF ceramic capacitor & 47μF electrolytic capacitor.


Similar Part No. - DRS-24V30W1NZ

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRS-24V30W1AZ DELTA-DRS-24V30W1AZ Datasheet
835Kb / 11P
   Sync DIN Rail Power Supply
More results

Similar Description - DRS-24V30W1NZ

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRS-24V100W1AX DELTA-DRS-24V100W1AX Datasheet
973Kb / 15P
   Sync DIN Rail Power Supply
DRS-12V50W1NX DELTA-DRS-12V50W1NX Datasheet
795Kb / 13P
   Sync DIN Rail Power Supply
DRS-24V50W1NX DELTA-DRS-24V50W1NX Datasheet
862Kb / 13P
   Sync DIN Rail Power Supply
DRS-5V30W1NZ DELTA-DRS-5V30W1NZ Datasheet
698Kb / 12P
   Sync DIN Rail Power Supply
DRS-24V30W1AZ DELTA-DRS-24V30W1AZ Datasheet
835Kb / 11P
   Sync DIN Rail Power Supply
DRS-5V50W1AX DELTA-DRS-5V50W1AX Datasheet
913Kb / 13P
   Sync DIN Rail Power Supply
DRP012V015W1A DELTA-DRP012V015W1A Datasheet
900Kb / 4P
   DIN RAIL POWER SUPPLY
logo
Applied Motion Products...
PS480D72 AMP-PS480D72 Datasheet
950Kb / 6P
   DIN Rail Power Supply
logo
Arch Electronics Corp.
ANCA-DN_SERIES ARCH-ANCA-DN_SERIES Datasheet
187Kb / 3P
   Din Rail Switching Power Supply
AQF120E-180W ARCH-AQF120E-180W_16 Datasheet
533Kb / 8P
   Din Rail Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com