Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF373ASR1 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MRF373ASR1
Description  RF POWER FIELD EFFECT TRANSISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF373ASR1 Datasheet(HTML) 3 Page - Motorola, Inc

  MRF373ASR1 Datasheet HTML 1Page - Motorola, Inc MRF373ASR1 Datasheet HTML 2Page - Motorola, Inc MRF373ASR1 Datasheet HTML 3Page - Motorola, Inc MRF373ASR1 Datasheet HTML 4Page - Motorola, Inc MRF373ASR1 Datasheet HTML 5Page - Motorola, Inc MRF373ASR1 Datasheet HTML 6Page - Motorola, Inc MRF373ASR1 Datasheet HTML 7Page - Motorola, Inc MRF373ASR1 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
MRF373AR1 MRF373ASR1
MOTOROLA RF DEVICE DATA
Figure 1. MRF373AR1/ASR1 Narrowband Test Circuit Component Layout
C14
R1
C7
C1
C9
C8
C10
C2
C3
C6
C5
C16
C15
L1
C13
MRF373A
C4
C11
C12
C17
R3
R2
Rev 01
VDD
VGG
RF INPUT
RF OUTPUT
Table 1. MRF373AR1/ASR1 Narrowband Test Circuit Component Layout Designations and Values
Designation
Description
C1, C2
18 pF Chip Capacitors, B Case, ATC
C3
12 pF Chip Capacitor, B Case, ATC
C4
1.8 pF Chip Capacitor, B Case, ATC
C5, C10
51 pF Chip Capacitors, B Case, ATC
C6
0.3 pF Chip Capacitor, B Case, ATC (Used only on the MRF373AS)
C7
15 pF Chip Capacitor, B Case, ATC
C8
10 pF Chip Capacitor, B Case, ATC
C9
2.7 pF Chip Capacitor, B Case, ATC
C11
0.5 pF Chip Capacitor, B Case, ATC
C12
1000 pF Chip Capacitor, B Case, ATC
C13
39 pF Chip Capacitor, B Case, ATC
C14, C15
470 pF Chip Capacitors, B Case, ATC
C16
2.2
mF, 100 V Chip Capacitor, Vishay #VJ3640Y225KXBAT
C17
10
mF, 35 V Tantalum Capacitor, Kemet #T491D106K35AS
L1A
12 nH, Coilcraft #A04T
R1, R2
390
Ω, 1/2 Ω Chip Resistors, Vishay Dale (2010)
R3
1 k
Ω, 1/2 Ω Chip Resistor, Vishay Dale (2010)
PCB
MRF373 Printed Circuit Board Rev 01, CuClad 250 (GX–0300–55),
Height 30 mils,
εr = 2.55


Similar Part No. - MRF373ASR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF373A MOTOROLA-MRF373A Datasheet
481Kb / 8P
   RF Power Field Effect Transistors
logo
Freescale Semiconductor...
MRF373A FREESCALE-MRF373A Datasheet
372Kb / 10P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373ALR1 MOTOROLA-MRF373ALR1 Datasheet
481Kb / 8P
   RF Power Field Effect Transistors
logo
Freescale Semiconductor...
MRF373ALR1 FREESCALE-MRF373ALR1 Datasheet
372Kb / 10P
   RF Power Field Effect Transistors
MRF373ALR1 FREESCALE-MRF373ALR1_08 Datasheet
372Kb / 10P
   RF Power Field Effect Transistors
More results

Similar Description - MRF373ASR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com