Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR0300107 Datasheet(PDF) 2 Page - Alpha Wire

Part # LR0300107
Description  Mini Male 7/8?
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

LR0300107 Datasheet(HTML) 2 Page - Alpha Wire

  LR0300107 Datasheet HTML 1Page - Alpha Wire LR0300107 Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • •
Alpha Wire | 711 Lidgerwood Ave, Elizabeth, NJ 07207
www.alphawire.com | 1-800-52 ALPHA
2
Customer Specification
PART NO: LR0300107
Mini Male 7/8”
Although Alpha Wire (“Alpha”) makes every reasonable effort to ensure their accuracy at the time of this publication, information and
specifications described herein are subject to error or omission and to change without notice, and the listing of such information and
specifications does not ensure product availability. Alpha provides the information and specification herein on an “AS IS” basis, with no
representations or warranties, whether express, statutory or implied. In no event will Alpha be liable any damages (including consequential,
indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Alpha has been advised of the possibility of such damages,
whether in an action under contact, negligence or any other theory, arising out of or in connection with the use, or inability to use, the
information or specification described herein.
CSA
CSA-C22.2 No. 182.3, Special Use
Attachment Plugs, Receptacles and
Connectors
cRU, UL File Number E485156
Ingress Protection
IP67
Environmental Compliance
CE
All materials used in the manufacture of
this part meet the requirements of
European Directive 2011/65/EU regarding
the restriction of use of certain hazardous
substances in electrical and electronic
equipment. Exemption used; 6a.
REACH Regulation (EC
1907/2006)
This product does not contain Substances
of Very High Concern (SVHC) listed on the
European Union’s REACH candidate list in
excess of 0.1% mass of the item.
Physical & Mechanical
Properties
Temperature Range, Cord
-35 to 90°C(static), -15 to 90°C (dynamic)
Bend Radius
7X Cable Diameter (static), 10X Cable
Diameter (dynamic)
Pull Tension
38 Lbs, Maximum
Current Rating
6.4 Amps @ 50°C
Ordering Information
LR0300107 YL355
0.6 Meters
LR0300107 YL356
1.0 Meters
LR0300107 YL357
3.0 Meters
LR0300107 YL358
5.0 Meters
LR0300107 YL359
10.0 Meters
LR0300107 YL400
15.0 Meters
LR0300107 YL401
20.0 Meters
Standard Package
Each


Similar Part No. - LR0300107

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
LR0300113 ALPHAWIRE-LR0300113 Datasheet
131Kb / 2P
   Mini Male 7/8?
More results

Similar Description - LR0300107

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
LR0500109 ALPHAWIRE-LR0500109 Datasheet
131Kb / 2P
   Mini Male 7/8?
LR0400108 ALPHAWIRE-LR0400108 Datasheet
132Kb / 2P
   Mini Male 7/8?
LR0300113 ALPHAWIRE-LR0300113 Datasheet
131Kb / 2P
   Mini Male 7/8?
LR04KR108 ALPHAWIRE-LR04KR108 Datasheet
151Kb / 2P
   Mini Male 7/8??to Mini Female 7/8?
LR05KR109 ALPHAWIRE-LR05KR109 Datasheet
150Kb / 2P
   Mini Male 7/8??to Mini Female 7/8?
LR03KR107 ALPHAWIRE-LR03KR107 Datasheet
148Kb / 2P
   Mini Male 7/8??to Mini Female 7/8?
LR03KW107 ALPHAWIRE-LR03KW107 Datasheet
153Kb / 2P
   Mini Male 7/8??to Mini Female 7/8??90 Degree
LR05KW109 ALPHAWIRE-LR05KW109 Datasheet
155Kb / 3P
   Mini Male 7/8??to Mini Female 7/8??90 Degree
LR04KW108 ALPHAWIRE-LR04KW108 Datasheet
158Kb / 3P
   Mini Male 7/8??to Mini Female 7/8??90 Degree
LR03KR113 ALPHAWIRE-LR03KR113 Datasheet
151Kb / 3P
   Mini Male 7/8??to Mini Female
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com