Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9046 Datasheet(PDF) 5 Page - Zarlink Semiconductor Inc

Part # MT9046
Description  T1/E1 System Synchronizer with Holdover
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9046 Datasheet(HTML) 5 Page - Zarlink Semiconductor Inc

  MT9046 Datasheet HTML 1Page - Zarlink Semiconductor Inc MT9046 Datasheet HTML 2Page - Zarlink Semiconductor Inc MT9046 Datasheet HTML 3Page - Zarlink Semiconductor Inc MT9046 Datasheet HTML 4Page - Zarlink Semiconductor Inc MT9046 Datasheet HTML 5Page - Zarlink Semiconductor Inc MT9046 Datasheet HTML 6Page - Zarlink Semiconductor Inc MT9046 Datasheet HTML 7Page - Zarlink Semiconductor Inc MT9046 Datasheet HTML 8Page - Zarlink Semiconductor Inc MT9046 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
MT9046
Data Sheet
5
Zarlink Semiconductor Inc.
Functional Description
The MT9046 is a Multitrunk System Synchronizer with frequency holdover capability, providing timing (clock) and
synchronization (frame) signals to interface circuits for T1 and E1 Primary Rate Digital Transmission links. Figure 1
is a functional block diagram which is described in the following sections.
Reference Select MUX Circuit
The MT9046 accepts two simultaneous reference input signals and operates on their falling edges. Either the
primary reference (PRI) signal or the secondary reference (SEC) signal can be selected as input to the TIE
Corrector Circuit. The selection is based on the Control, Mode and Reference Selection of the device. See Table 1
and Table 4.
Frequency Select MUX Circuit
The MT9046 operates with one of four possible input reference frequencies (8 kHz, 1.544 MHz, 2.048 MHz or
19.44 MHz). The frequency select inputs (FS1 and FS2) determine which of the four frequencies may be used at
the reference inputs (PRI and SEC). Both inputs must have the same frequency applied to them. A reset (RST)
must be performed after every frequency select input change. See Table 1.
Table 1 - Input Frequency Selection
Time Interval Error (TIE) Corrector Circuit
The TIE corrector circuit, when enabled, prevents a step change in phase on the input reference signals (PRI or
SEC) from causing a step change in phase at the input of the DPLL block of Figure 1.
During reference input rearrangement, such as during a switch from the primary reference (PRI) to the secondary
reference (SEC), a step change in phase on the input signals will occur. A phase step at the input of the DPLL
would lead to unacceptable phase changes in the output signal.
45
TDI
Test Serial Data In (Input). JTAG serial test instructions and data are shifted in on this pin.
This pin is internally pulled up to VDD.
46
TRST
Test Reset (Input). Asynchronously initializes the JTAG TAP controller by putting it in the
Test-Logic-Reset state. If not used, this pin should be held low.
47
TCK
Test Clock (Input): Provides the clock to the JTAG test logic. This pin is internally pulled up to
VDD.
48
TMS
Test Mode Select (Input). JTAG signal that controls the state transitions of the TAP
controller. This pin is internally pulled up to VDD.
FS2
FS1
Input Frequency
00
19.44 MHz
01
8 kHz
10
1.544 MHz
11
2.048 MHz
Pin Description (continued)
Pin #
Name
Description


Similar Part No. - MT9046

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT9046 ZARLINK-MT9046 Datasheet
249Kb / 21P
   SONET/SDH Clock Multiplier PLL
MT9046 ZARLINK-MT9046 Datasheet
404Kb / 23P
   SONET/SDH Clock Multiplier PLL
More results

Similar Description - MT9046

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30409 ZARLINK-ZL30409 Datasheet
483Kb / 32P
   T1/E1 System Synchronizer with Stratum 3 Holdover
ZL30409 ZARLINK-ZL30409_06 Datasheet
412Kb / 32P
   T1/E1 System Synchronizer with Stratum 3 Holdover
MT9043 ZARLINK-MT9043 Datasheet
453Kb / 29P
   T1/E1 System Synchronizer
ZL30100 ZARLINK-ZL30100_06 Datasheet
384Kb / 36P
   T1/E1 System Synchronizer
ZL30100 ZARLINK-ZL30100 Datasheet
560Kb / 34P
   T1/E1 System Synchronizer
logo
Mitel Networks Corporat...
MT9041B MITEL-MT9041B Datasheet
72Kb / 19P
   T1/E1 System Synchronizer
logo
List of Unclassifed Man...
PT7A4410 ETC1-PT7A4410 Datasheet
291Kb / 34P
   T1/E1/OC3 System Synchronizer
logo
Zarlink Semiconductor I...
MT9045 ZARLINK-MT9045 Datasheet
495Kb / 34P
   T1/E1/OC3 System Synchronizer
logo
Mitel Networks Corporat...
MT9044 MITEL-MT9044 Datasheet
120Kb / 30P
   T1/E1/OC3 System Synchronizer
logo
List of Unclassifed Man...
PT7A4401C ETC-PT7A4401C Datasheet
154Kb / 27P
   PT7A4401C T1/E1 System Synchronizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com