Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR04KR114 Datasheet(PDF) 1 Page - Alpha Wire

Part # PR04KR114
Description  Mini Male 7/8??Internal Thread to Mini Female
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PR04KR114 Datasheet(HTML) 1 Page - Alpha Wire

  PR04KR114 Datasheet HTML 1Page - Alpha Wire PR04KR114 Datasheet HTML 2Page - Alpha Wire PR04KR114 Datasheet HTML 3Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • •
Alpha Wire | 711 Lidgerwood Ave, Elizabeth, NJ 07207
www.alphawire.com | 1-800-52 ALPHA
1
Customer Specification
PART NO: PR04KR114
Mini Male 7/8” Internal Thread to Mini Female
Drawings
End 1
End 2
Technical Data
Cordage Construction
Diameters (In)
Cordage Part Number
114
Component 1
4 COND
a) Conductor
16 (65/34) AWG Bare Copper
0.059
b) Insulation
0.016" Wall, Nom. PVC/ 0.005" Wall Nylon 0.101
Insulation Colors
Black, White, Red, Green/Yellow
Jacket
0.050” Wall, Nom. TPE
0.350
a) Color(s)
YELLOW
Cord Configuration
End 1
Mini Male 7/8”, Internal Thread
End 2
Mini Female 7/8”
Insert
Yellow TPU
Mold Color
Yellow TPU
Contact
Copper Alloy, Gold over Silver plated
Coupling Nut
Aluminum, anodized black


Similar Part No. - PR04KR114

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
PR04KW114 ALPHAWIRE-PR04KW114 Datasheet
156Kb / 3P
   Mini Male 7/8??Internal Thread to Mini Female 90 Degree
More results

Similar Description - PR04KR114

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
PR05KR115 ALPHAWIRE-PR05KR115 Datasheet
150Kb / 3P
   Mini Male 7/8??Internal Thread to Mini Female
PR03KR113 ALPHAWIRE-PR03KR113 Datasheet
151Kb / 3P
   Mini Male 7/8??Internal Thread to Mini Female
PR04KW114 ALPHAWIRE-PR04KW114 Datasheet
156Kb / 3P
   Mini Male 7/8??Internal Thread to Mini Female 90 Degree
PR05KW115 ALPHAWIRE-PR05KW115 Datasheet
157Kb / 3P
   Mini Male 7/8??Internal Thread to Mini Female 90 Degree
PR03KW113 ALPHAWIRE-PR03KW113 Datasheet
155Kb / 3P
   Mini Male 7/8??Internal Thread to Mini Female 90 Degree
PR0300113 ALPHAWIRE-PR0300113 Datasheet
131Kb / 2P
   Mini Male 7/8??Internal Thread
LR05KR109 ALPHAWIRE-LR05KR109 Datasheet
150Kb / 2P
   Mini Male 7/8??to Mini Female 7/8?
LR04KR108 ALPHAWIRE-LR04KR108 Datasheet
151Kb / 2P
   Mini Male 7/8??to Mini Female 7/8?
LR03KR107 ALPHAWIRE-LR03KR107 Datasheet
148Kb / 2P
   Mini Male 7/8??to Mini Female 7/8?
LR03KR113 ALPHAWIRE-LR03KR113 Datasheet
151Kb / 3P
   Mini Male 7/8??to Mini Female
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com