Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

853S9252BKILFT Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 853S9252BKILFT
Description  2.5V, 3.3V ECL/LVPECL Clock/Data Fanout Buffer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

853S9252BKILFT Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 853S9252BKILFT Datasheet HTML 7Page - Integrated Device Technology 853S9252BKILFT Datasheet HTML 8Page - Integrated Device Technology 853S9252BKILFT Datasheet HTML 9Page - Integrated Device Technology 853S9252BKILFT Datasheet HTML 10Page - Integrated Device Technology 853S9252BKILFT Datasheet HTML 11Page - Integrated Device Technology 853S9252BKILFT Datasheet HTML 12Page - Integrated Device Technology 853S9252BKILFT Datasheet HTML 13Page - Integrated Device Technology 853S9252BKILFT Datasheet HTML 14Page - Integrated Device Technology 853S9252BKILFT Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
ICS853S9252BKI JUNE 14, 2017
11
©2017 Integrated Device Technology, Inc.
ICS853S9252I Datasheet
2.5V, 3.3V ECL/LVPECL CLOCK/DATA FANOUT BUFFER
Termination for 3.3V LVPECL Outputs
The clock layout topology shown below is a typical termination for
LVPECL outputs. The two different layouts mentioned are
recommended only as guidelines.
The differential outputs are low impedance follower outputs that
generate ECL/LVPECL compatible outputs. Therefore, terminating
resistors (DC current path to ground) or current sources must be
used for functionality. These outputs are designed to drive 50
transmission lines. Matched impedance techniques should be used
to maximize operating frequency and minimize signal distortion.
Figures 5A and 5B show two different layouts which are
recommended only as guidelines. Other suitable clock layouts may
exist and it would be recommended that the board designers
simulate to guarantee compatibility across all printed circuit and clock
component process variations.
Figure 5A. 3.3V LVPECL Output Termination
Figure 5B. 3.3V LVPECL Output Termination
R1
84
R2
84
3.3V
R3
125
R4
125
Z
o = 50
Z
o = 50
Input
3.3V
3.3V
+
_


Similar Part No. - 853S9252BKILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
853S004AKILF IDT-853S004AKILF Datasheet
278Kb / 20P
   Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
853S004AKILF IDT-853S004AKILF Datasheet
278Kb / 20P
   Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
853S004AKILFT IDT-853S004AKILFT Datasheet
278Kb / 20P
   Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
853S004AKILFT IDT-853S004AKILFT Datasheet
278Kb / 20P
   Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
853S004I IDT-853S004I Datasheet
278Kb / 20P
   Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
More results

Similar Description - 853S9252BKILFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS853S9252I RENESAS-ICS853S9252I Datasheet
695Kb / 22P
   2.5V, 3.3V ECL/LVPECL Clock/Data Fanout Buffer
JUNE 14, 2017
logo
Integrated Circuit Syst...
ICS853006 ICST-ICS853006 Datasheet
202Kb / 16P
   DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
ICS85310L-01 ICST-ICS85310L-01 Datasheet
326Kb / 15P
   DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
REV. F JANUARY16, 2006
logo
ON Semiconductor
NB6L611 ONSEMI-NB6L611 Datasheet
146Kb / 9P
   2.5V / 3.3V 1:2 Differential LVPECL Clock / Data Fanout Buffer
December, 2006 ??Rev. 0
logo
Asahi Kasei Microsystem...
AK8181H AKM-AK8181H Datasheet
542Kb / 12P
   2.5V, 3.3V LVPECL 1:10 Clock Fanout Buffer
logo
Integrated Device Techn...
IDT8T73S208I IDT-IDT8T73S208I Datasheet
1Mb / 22P
   2.5V, 3.3V Differential LVPECL Clock Divider and Fanout Buffer
logo
Micrel Semiconductor
SY89311U MICREL-SY89311U_06 Datasheet
474Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U_14 Datasheet
309Kb / 10P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U Datasheet
49Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY10EP11U MICREL-SY10EP11U Datasheet
512Kb / 10P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com