Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9171AP Datasheet(PDF) 7 Page - Zarlink Semiconductor Inc

Part # MT9171AP
Description  ISO2-CMOS ST-BUS FAMILY
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9171AP Datasheet(HTML) 7 Page - Zarlink Semiconductor Inc

Back Button MT9171AP Datasheet HTML 3Page - Zarlink Semiconductor Inc MT9171AP Datasheet HTML 4Page - Zarlink Semiconductor Inc MT9171AP Datasheet HTML 5Page - Zarlink Semiconductor Inc MT9171AP Datasheet HTML 6Page - Zarlink Semiconductor Inc MT9171AP Datasheet HTML 7Page - Zarlink Semiconductor Inc MT9171AP Datasheet HTML 8Page - Zarlink Semiconductor Inc MT9171AP Datasheet HTML 9Page - Zarlink Semiconductor Inc MT9171AP Datasheet HTML 10Page - Zarlink Semiconductor Inc MT9171AP Datasheet HTML 11Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Advance Information
MT9171/72
9-121
In DIGITAL NETWORK (DN) mode, upon entering
the DNIC from the DV and CD ports, the B-channel
data, D-channel D0 (and D1 for 160 kbit/s), the HK
bit of the C-channel (160kbit/s only) and a SYNC bit
are combined in a serial format to be sent out on the
line by the Transmit Interface (Figures 11, 12). The
SYNC bit produces an alternating 1-0 pattern each
frame in order for the remote end to extract the frame
alignment from the line. It is possible for the remote
end to lock on to a data bit pattern which simulates
this alternating 1-0 pattern that is not
the true
SYNC. To decrease the probability of this happening
the DNIC may be programmed to put the data
through a prescrambler that scrambles the data
according
to
a
predetermined
polynomial
with
respect to the SYNC bit. This greatly decreases the
probability that the SYNC pattern can be reproduced
by any data on the line.
In order for the echo
canceller to function correctly, a dedicated scrambler
is used with a scrambling algorithm which is different
for the SLV and MAS modes. These algorithms are
calculated in such a way as to provide orthogonality
between the near and far end data streams such that
the correlation between the two signals is very low.
For any two DNICs on a link, one must be in SLV
mode with the other in MAS mode. The scrambled
data is differentially encoded which serves to make
the data on the line polarity-independent. It is then
biphase encoded as shown in Figure 10. See “Line
Interface” section for more details on the encoding.
Before leaving the DNIC the differentially encoded
biphase data is passed through a pulse-shaping
bandpass transmit filter that filters out the high and
low frequency components and conditions the signal
for transmission on the line.
The
composite
transmit
and
receive
signal
is
received at LIN. On entering the DNIC this signal
passes through a Precanceller which is a summing
amplifier and lowpass filter that partially cancels the
near-end signal and provides first order antialiasing
for the received signal. Internal, partial cancellation
Figure 7 - CD Port (Modes 2,6)
Figure 8 - CD Port (Modes 1,5)
F0
C4
CDSTo
CDSTi
F0o
C0 C1 C2 C3 C4 C5 C6 C7
C0 C1 C2 C3 C4 C5 C6 C7
D0 D1 D2 D3 D4 D5 D6 D7
D0 D1 D2 D3 D4 D5 D6 D7
C0
C0
3.9
µsec
62.5
µsec
125
µsec
Channel Time 0
Channel Time 16
CLD
TCK
CDi
CDo
C0
C1
C2
C3
C4
C5
C6
C7
C6
C7
C0
C1
C0
C1
C2
C3
C4
C5
C6
C7
C6
C7
C0
C1


Similar Part No. - MT9171AP

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9171AP MITEL-MT9171AP Datasheet
393Kb / 22P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
logo
Zarlink Semiconductor I...
MT9171AP ZARLINK-MT9171AP Datasheet
553Kb / 28P
   Digital Subscriber Interface Circuit Digital Network Interface Circuit
MT9171AP1 ZARLINK-MT9171AP1 Datasheet
553Kb / 28P
   Digital Subscriber Interface Circuit Digital Network Interface Circuit
MT9171APR ZARLINK-MT9171APR Datasheet
553Kb / 28P
   Digital Subscriber Interface Circuit Digital Network Interface Circuit
MT9171APR1 ZARLINK-MT9171APR1 Datasheet
553Kb / 28P
   Digital Subscriber Interface Circuit Digital Network Interface Circuit
More results

Similar Description - MT9171AP

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9094 MITEL-MT9094 Datasheet
396Kb / 32P
   ISO2-CMOS ST-BUS??FAMILY Digital Telephone (DPhone-II)
MT9092 MITEL-MT9092 Datasheet
482Kb / 42P
   ISO2-CMOS ST-BUS??FAMILY Digital Telephone with HDLC (HPhone-II)
MT8971B MITEL-MT8971B Datasheet
390Kb / 20P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
MT9171 MITEL-MT9171 Datasheet
393Kb / 22P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
MT9174 MITEL-MT9174 Datasheet
33Kb / 4P
   ISO2-CMOS ST-BUS??FAMILY Digital Network Interface Circuit with Receive Sync Marker Bit
MT89L80 MITEL-MT89L80 Datasheet
75Kb / 15P
   CMOS ST-BUS??FAMILY Digital Switch
MT8920B MITEL-MT8920B Datasheet
534Kb / 24P
   ISO-CMOS ST-BUS??FAMILY ST-BUS Parallel Access Circuit
MT8920B-1 MITEL-MT8920B-1 Datasheet
215Kb / 29P
   ISO-CMOS ST-BUS??FAMILY ST-BUS Parallel Access Circuit
MT89L85 MITEL-MT89L85 Datasheet
134Kb / 20P
   CMOS ST-BUS??FAMILY Enhanced Digital Switch
MT8985 MITEL-MT8985 Datasheet
345Kb / 18P
   CMOS ST-BUS??FAMILY Enhanced Digital Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com