Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72T36115L5BBI Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 72T36115L5BBI
Description  2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72T36115L5BBI Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 72T36115L5BBI Datasheet HTML 7Page - Integrated Device Technology 72T36115L5BBI Datasheet HTML 8Page - Integrated Device Technology 72T36115L5BBI Datasheet HTML 9Page - Integrated Device Technology 72T36115L5BBI Datasheet HTML 10Page - Integrated Device Technology 72T36115L5BBI Datasheet HTML 11Page - Integrated Device Technology 72T36115L5BBI Datasheet HTML 12Page - Integrated Device Technology 72T36115L5BBI Datasheet HTML 13Page - Integrated Device Technology 72T36115L5BBI Datasheet HTML 14Page - Integrated Device Technology 72T36115L5BBI Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
11
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
IDT72T36105/115/125 2.5V TeraSync
™ 36-BIT FIFO
64K x 36, 128K x 36 and 256K x 36
AC ELECTRICAL CHARACTERISTICS(1)— SYNCHRONOUS TIMING
(Commercial: VCC = 2.5V
± 5%, TA = 0°C to +70°C;Industrial: VCC = 2.5V ± 5%, TA = -40°C to +85°C)
NOTES:
1. All AC timings apply to both Standard IDT mode and First Word Fall Through mode.
2. Pulse widths less than minimum values are not allowed.
3. Values guaranteed by design, not currently tested.
4. Industrial temperature range product for the 5ns speed grade is available as a standard device. All other speed grades are available by special order.
Commercial
Com’l & Ind’l
Commercial
IDT72T36105L4-4
IDT72T36105L5
IDT72T36105L6-7 IDT72T36105L10
IDT72T36115L4-4
IDT72T36115L5
IDT72T36115L6-7 IDT72T36115L10
IDT72T36125L4-4
IDT72T36125L5
IDT72T36125L6-7 IDT72T36125L10
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
fC
Clock Cycle Frequency (Synchronous)
225
200
150
100
MHz
tA
DataAccessTime
0.6
3.4
0.6
3.6
0.6
3.8
0.6
4.5
ns
tCLK
Clock Cycle Time
4.44
5
6.7
10
ns
tCLKH
Clock High Time
2.0
2.3
2.8
4.5
ns
tCLKL
Clock Low Time
2.0
2.3
2.8
4.5
ns
tDS
DataSetupTime
1.2
1.5
2.0
3.0
ns
tDH
DataHoldTime
0.5
0.5
0.5
0.5
ns
tENS
EnableSetupTime
1.2
1.5
2.0
3.0
ns
tENH
EnableHoldTime
0.5
0.5
0.5
0.5
ns
tLDS
LoadSetupTime
1.2
1.5
2.0
3.0
ns
tLDH
LoadHoldTime
0.5
0.5
0.5
0.5
ns
tWCSS
WCS setup time
1.2
1.5
2.0
3.0
ns
tWCSH
WCS hold time
0.5
0.5
0.5
0.5
ns
fS
Clock Cycle Frequency (SCLK)
10
10
10
10
MHz
tSCLK
Serial Clock Cycle
100
100
100
100
ns
tSCKH
Serial Clock High
45
45
45
45
ns
tSCKL
Serial Clock Low
45
45
45
45
ns
tSDS
Serial Data In Setup
15
15
15
15
ns
tSDH
Serial Data In Hold
5
5
5
5
ns
tSENS
SerialEnableSetup
5
5
5
5
ns
tSENH
Serial Enable Hold
5
5
5
5
ns
tRS
ResetPulseWidth(2)
30
30
30
30
ns
tRSS
ResetSetupTime
15
15
15
15
ns
tHRSS
HSTLResetSetupTime
4
4
4
4
μs
tRSR
Reset Recovery Time
10
10
10
10
ns
tRSF
ResettoFlagandOutputTime
10
12
15
15
ns
tWFF
Write Clock to FF or IR
3.4
3.6
3.8
4.5
ns
tREF
Read Clock to EF or OR
3.4
3.6
3.8
4.5
ns
tPAFS
WriteClocktoSynchronousProgrammableAlmost-FullFlag
3.4
3.6
3.8
4.5
ns
tPAES
Read Clock to Synchronous Programmable Almost-Empty Flag
3.4
3.6
3.8
4.5
ns
tERCLK
RCLK to Echo RCLK output
3.8
4
4.3
5
ns
tCLKEN
RCLK to Echo REN output
3.4
3.6
3.8
4.5
ns
tRCSLZ
RCLK to Active from High-Z(3)
3.4
3.6
3.8
4.5
ns
tRCSHZ
RCLK to High-Z(3)
3.4
3.6
3.8
4.5
ns
tSKEW1
Skew time between RCLK and WCLK for EF/OR and FF/IR
3.5
4
—5
—7
ns
tSKEW2
Skew time between RCLK and WCLK for PAE and PAF
4—
5—
6
8—
ns


Similar Part No. - 72T36115L5BBI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
72T36115L5BBG IDT-72T36115L5BBG Datasheet
472Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS
logo
Renesas Technology Corp
72T36115L5BBG RENESAS-72T36115L5BBG Datasheet
564Kb / 58P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
FEBRUARY 2009
72T36115L5BBG RENESAS-72T36115L5BBG Datasheet
475Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
JUNE 2017
logo
Integrated Device Techn...
72T36115L5BBGI IDT-72T36115L5BBGI Datasheet
472Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS
logo
Renesas Technology Corp
72T36115L5BBGI RENESAS-72T36115L5BBGI Datasheet
475Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
JUNE 2017
More results

Similar Description - 72T36115L5BBI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72T36105 RENESAS-IDT72T36105 Datasheet
475Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
JUNE 2017
IDT72T3645 RENESAS-IDT72T3645 Datasheet
564Kb / 58P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
FEBRUARY 2009
logo
Integrated Device Techn...
IDT72T3645 IDT-IDT72T3645 Datasheet
556Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
72T72115L5BBGI IDT-72T72115L5BBGI Datasheet
471Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
IDT72T7285 IDT-IDT72T7285 Datasheet
542Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
72T7285 IDT-72T7285 Datasheet
358Kb / 54P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
logo
Renesas Technology Corp
IDT72T7285 RENESAS-IDT72T7285 Datasheet
560Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
JUNE 2017
logo
Integrated Device Techn...
IDT72T3645 IDT-IDT72T3645_09 Datasheet
472Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS
IDT72T7285 IDT-IDT72T7285_09 Datasheet
465Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 72-BIT CONFIGURATIONS
IDT72T1845 IDT-IDT72T1845_09 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com