Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72T36115L6-7BB Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 72T36115L6-7BB
Description  2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72T36115L6-7BB Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 72T36115L6-7BB Datasheet HTML 4Page - Integrated Device Technology 72T36115L6-7BB Datasheet HTML 5Page - Integrated Device Technology 72T36115L6-7BB Datasheet HTML 6Page - Integrated Device Technology 72T36115L6-7BB Datasheet HTML 7Page - Integrated Device Technology 72T36115L6-7BB Datasheet HTML 8Page - Integrated Device Technology 72T36115L6-7BB Datasheet HTML 9Page - Integrated Device Technology 72T36115L6-7BB Datasheet HTML 10Page - Integrated Device Technology 72T36115L6-7BB Datasheet HTML 11Page - Integrated Device Technology 72T36115L6-7BB Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
8
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
IDT72T36105/115/125 2.5V TeraSync
™ 36-BIT FIFO
64K x 36, 128K x 36 and 256K x 36
NOTES:
1. Inputs should not change state after Master Reset.
2. These pins are for the JTAG port. Please refer to Figures 6-8.
WHSTL(1) WritePortHSTL
LVTTL
ThispinisusedtoselectHSTLor2.5VLVTTLinputsfortheFIFO.IfHSTLinputsarerequired,thisinputmust
Select
INPUT
be tied HIGH. Otherwise it should be tied LOW.
Vcc
+2.5v Supply
I
These are Vcc supply inputs and must be connected to the 2.5V supply rail.
GND
Ground Pin
I
These are Ground pins an dmust be connected to the GND rail.
Vref
Reference
I
This is a Voltage Reference input and must be connected to a voltage level determined from the table,
Voltage
“Recommended DC Operating Conditions”. This provides the reference voltage when using HSTL class
inputs. If HSTL class inputs are not being used, this pin should be tied LOW.
VDDQ
O/PRailVoltage
I
This pin should be tied to the desired voltage rail for providing power to the output drivers.
PIN DESCRIPTION (CONTINUED)
Symbol
Name
I/O TYPE
Description


Similar Part No. - 72T36115L6-7BB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
72T36115L6-7BBG IDT-72T36115L6-7BBG Datasheet
472Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS
logo
Renesas Technology Corp
72T36115L6-7BBG RENESAS-72T36115L6-7BBG Datasheet
564Kb / 58P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
FEBRUARY 2009
72T36115L6-7BBG RENESAS-72T36115L6-7BBG Datasheet
475Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
JUNE 2017
logo
Integrated Device Techn...
72T36115L6-7BBGI IDT-72T36115L6-7BBGI Datasheet
472Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS
logo
Renesas Technology Corp
72T36115L6-7BBGI RENESAS-72T36115L6-7BBGI Datasheet
475Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
JUNE 2017
More results

Similar Description - 72T36115L6-7BB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72T36105 RENESAS-IDT72T36105 Datasheet
475Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
JUNE 2017
IDT72T3645 RENESAS-IDT72T3645 Datasheet
564Kb / 58P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
FEBRUARY 2009
logo
Integrated Device Techn...
IDT72T3645 IDT-IDT72T3645 Datasheet
556Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
72T72115L5BBGI IDT-72T72115L5BBGI Datasheet
471Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
IDT72T7285 IDT-IDT72T7285 Datasheet
542Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
72T7285 IDT-72T7285 Datasheet
358Kb / 54P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
logo
Renesas Technology Corp
IDT72T7285 RENESAS-IDT72T7285 Datasheet
560Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
JUNE 2017
logo
Integrated Device Techn...
IDT72T3645 IDT-IDT72T3645_09 Datasheet
472Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS
IDT72T7285 IDT-IDT72T7285_09 Datasheet
465Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 72-BIT CONFIGURATIONS
IDT72T1845 IDT-IDT72T1845_09 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com