Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC0603M102R014 Datasheet(PDF) 4 Page - Kemet Corporation

Part # VC0603M102R014
Description  Surface Mount Varistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

VC0603M102R014 Datasheet(HTML) 4 Page - Kemet Corporation

  VC0603M102R014 Datasheet HTML 1Page - Kemet Corporation VC0603M102R014 Datasheet HTML 2Page - Kemet Corporation VC0603M102R014 Datasheet HTML 3Page - Kemet Corporation VC0603M102R014 Datasheet HTML 4Page - Kemet Corporation VC0603M102R014 Datasheet HTML 5Page - Kemet Corporation VC0603M102R014 Datasheet HTML 6Page - Kemet Corporation VC0603M102R014 Datasheet HTML 7Page - Kemet Corporation VC0603M102R014 Datasheet HTML 8Page - Kemet Corporation VC0603M102R014 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
V0002_VC • 10/26/2016
Surface Mount Varistors
VC Series Low Voltage 125°C
Qualifications cont'd
Reliability Parameter
Test
Tested According to
Condition to be Satisfied
after Testing
Environmental and
Storage Reliability
Climatic Sequence
CECC 42200, Test 4.16 or IEC 1051–1, Test 4.17.
a) Dry heat, 16 hours, UCT, Test Ba, IEC 68–2–2
b)Dampheat,cyclic,thefirstcycle:55°C,93%RH,
24 hours, Test Db 68–2–4
c) Cold, LCT, 2 hours Test Aa IEC 68–2–1
d)Dampheatcyclic,remaining5cycles:55°C,93%
RH, 24 hour/cycle, Test Bd, IEC 68–2–30
Vn (1 mA)| < 10 %
Thermal Shock
CECC 42200, Test 4.12, Test Na, IEC 68–2–14,
AEC–Q200 Test 16, 5 cycles UCT/LCT, 30 minutes
Vn (1 mA)| < 10 %
no visible damage
Steady State Damp Heat
CECC 42200, Test 4.17, Test Ca, IEC 68–2–3,
AEC–Q200Test6,56days,40°C,93%RH.AEC–Q200
Test7: Bias, Rh, T all at 85.
Vn (1 mA)| < 10 %
Storage Test
IEC 68–2–2, Test Ba, AEC–Q200 Test 3,
1,000 hours at maximum storage temperature
Vn (1 mA)| < 5 %
Mechanical Reliability
Solderability
CECC 42200, Test 4.10.1, Test Ta IEC 68–2–20
solderbathandreflowmethod
Solderable at shipment
and after 2 year of storage,
criteria > 95% must be
coveredbysolderforreflow
meniscus
Resistance to Soldering
Heat
CECC 42200, Test 4.10.2, Test Tb, IEC 68–2–20 solder
bathandreflowmethod
Vn (1 mA)| < 5 %
Terminal Strength
JIS–C–6429, App. 1, 18N for 60 seconds – same for
AEC–Q200 Test 22
no visual damage
Board Flex
JIS–C–6429, App. 2, 2 mm minimum
AEC–Q200test21–Boardflex:2mmflexminimum
Vn (1 mA)| < 2 %
no visible damage
Vibration
CECC 42200, Test 4.15, Test Fc, IEC 68–2–6, AEC–
Q200 Test 14.
Frequency range 10 to 55 Hz (AEC: 10 – 2,000 Hz)
Amplitude 0.75 m/s2 or 98 m/s2 (AEC: 5 g's for 20
minutes)
Total duration 6 hours (3x2h) (AEC: 12 cycles each of
3 directions)
Waveshape – half sine
Vn (1 mA)| < 10 %
no visible damage
Mechanical Shock
CECC 42200, Test 4.14, Test Ea, IEC 68–2–27,
AEC–Q200 Test 13.
Acceleration = 490 m/s2 (AEC: MIL-STD–202–Method
213),
Pulse duration = 11 ms,
Waveshape – half sine; Number of shocks = 3x6
Vn (1 mA)| < 10 %
no visible damage
Electrical Transient
Conduction
ISO–7637–1 Pulses
AEC–Q200 Test 30: Test pulses 1 to 3.
Also other pulses – freestyle.
Vn (1 mA)| < 10 %
no visible damage


Similar Part No. - VC0603M102R014

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VC060303A100 AVX-VC060303A100 Datasheet
484Kb / 10P
   TransGuard짰 AVX Multilayer Ceramic Transient Voltage Suppressors
VC060303A100 AVX-VC060303A100 Datasheet
206Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC060303A100 AVX-VC060303A100 Datasheet
496Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC060303A100 AVX-VC060303A100 Datasheet
501Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC060303A100 AVX-VC060303A100 Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
More results

Similar Description - VC0603M102R014

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
VA0805K121R014 KEMET-VA0805K121R014 Datasheet
1Mb / 14P
   Surface Mount Varistors
logo
Littelfuse
V22CH8 LITTELFUSE-V22CH8_10 Datasheet
633Kb / 6P
   Surface Mount Varistors
V275SM7 LITTELFUSE-V275SM7 Datasheet
799Kb / 4P
   Surface Mount Varistors
logo
Vishay Siliconix
232257312583 VISHAY-232257312583 Datasheet
192Kb / 2P
   Surface Mount Multilayer Varistors
14-Jun-04
232257420403 VISHAY-232257420403 Datasheet
190Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 14-Jun-04
logo
Littelfuse
V3.5MLA0603N LITTELFUSE-V3.5MLA0603N Datasheet
265Kb / 8P
   Surface Mount Multilayer Varistors
V14MLA0805H LITTELFUSE-V14MLA0805H Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors
V0402MHS03N LITTELFUSE-V0402MHS03N Datasheet
221Kb / 5P
   Surface Mount Multilayer Varistors
logo
Vishay Siliconix
23815741 VISHAY-23815741 Datasheet
130Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 15-Jun-05
logo
List of Unclassifed Man...
MLV0603ES005V0100NT ETC2-MLV0603ES005V0100NT Datasheet
151Kb / 6P
   Surface Mount Multilayer Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com