Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72T1865 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT72T1865
Description  2.5 VOLT HIGH-SPEED TeraSync??FIFO
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72T1865 Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT72T1865 Datasheet HTML 1Page - Integrated Device Technology IDT72T1865 Datasheet HTML 2Page - Integrated Device Technology IDT72T1865 Datasheet HTML 3Page - Integrated Device Technology IDT72T1865 Datasheet HTML 4Page - Integrated Device Technology IDT72T1865 Datasheet HTML 5Page - Integrated Device Technology IDT72T1865 Datasheet HTML 6Page - Integrated Device Technology IDT72T1865 Datasheet HTML 7Page - Integrated Device Technology IDT72T1865 Datasheet HTML 8Page - Integrated Device Technology IDT72T1865 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
3
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
IDT72T1845/55/65/75/85/95/105/115/125 2.5V TeraSync™ 18-BIT/9-BIT FIFO 2Kx18/4Kx9, 4Kx18/
8Kx9, 8Kx18/16Kx9, 16Kx18/32Kx9, 32Kx18/64Kx9, 64Kx18/128Kx9, 128Kx18/256Kx9, 256Kx18/512Kx9, 512Kx18/1Mx9
PIN CONFIGURATIONS (CONTINUED)
IDT72T18105/72T18115/72T18125 Only
PBGA: 1mm pitch, 19mm x 19mm BB240, BBG240 (Order code: BB)
TOP VIEW
NOTE:
1. DNC - Do Not Connect.
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
D13
GND
TDO
GND
D4
TMS
GND
D5
D10
D1
Q14
GND
Q0
Q2
Q11
Q8
Q3
GND
GND
GND
GND
GND
GND
GND
GND
GND
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
VCC
REN
GND
PAF
EREN
VDDQ
OE
RCLK
VCC
VCC
VCC
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
12
34
56
7
8
9
10
11
12
13
14
15
16
A1 BALL PAD CORNER
MRS
VCC
VCC
FF
EF
VCC
VCC
VCC
DNC
VCC
VCC
VCC
VCC
SEN
VCC
VCC
VCC
VDDQ
VDDQ
VDDQ
VDDQ
RCS
VDDQ
VDDQ
VCC
VCC
VCC
SCLK
VCC
VCC
VCC
VCC
WCS
VCC
VCC
VCC
PAE
LD
HF
GND
VDDQ
MARK
VDDQ
RT
SHSTL
FWFT/SI
FS0
OW
IP
FS1
BE
GND
PFM
DNC
ASYR
RHSTL
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
WHSTL
ASYW
VREF
IW
GND
GND
GND
GND
VCC
VDDQ
VDDQ
VCC
WEN
GND
WCLK
PRS
VCC
5909 drw02a
U
V
VCC
D16
D15
TDI
TCK
TRST
D6
D0
D2
D9
D12
D14
D17
D3
Q15
Q16
GND
ERCLK
Q4
Q13
Q10
Q7
Q5
D11
D8
D7
GND
Q6
Q1
Q9
Q12
17
18
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
Q17
DNC
DNC
DNC
DNC
DNC
DNC
DNC
DNC
DNC
DNC
DNC
DNC
DNC
DNC
DNC
DNC
DNC
DNC
DNC
DNC
DNC
DNC
DNC
DNC
DNC
DNC
DNC
DNC
DNC
DNC
DNC
DNC
DNC
DNC
DNC


Similar Part No. - IDT72T1865

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IDT72T1865 ETC2-IDT72T1865 Datasheet
515Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
Integrated Device Techn...
IDT72T1865 IDT-IDT72T1865 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
Renesas Technology Corp
IDT72T1865 RENESAS-IDT72T1865 Datasheet
492Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync™ FIFO 18-BIT/9-BIT CONFIGURATIONS
MAY 2017
logo
Integrated Device Techn...
IDT72T1865L10BB IDT-IDT72T1865L10BB Datasheet
540Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
IDT72T1865L10BBI IDT-IDT72T1865L10BBI Datasheet
540Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
More results

Similar Description - IDT72T1865

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T3645 IDT-IDT72T3645_09 Datasheet
472Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS
IDT72T7285 IDT-IDT72T7285_09 Datasheet
465Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 72-BIT CONFIGURATIONS
IDT72T4088 IDT-IDT72T4088 Datasheet
497Kb / 52P
   2.5 VOLT HIGH-SPEED TeraSync DDR/SDR FIFO 40-BIT CONFIGURATION
IDT72T18125 IDT-IDT72T18125 Datasheet
540Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
IDT72T1845 IDT-IDT72T1845_09 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
List of Unclassifed Man...
72T18125L5BBI ETC2-72T18125L5BBI Datasheet
515Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
Renesas Technology Corp
IDT72T1845 RENESAS-IDT72T1845 Datasheet
492Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync™ FIFO 18-BIT/9-BIT CONFIGURATIONS
MAY 2017
logo
Integrated Device Techn...
IDT72T2098 IDT-IDT72T2098 Datasheet
481Kb / 51P
   2.5 VOLT HIGH-SPEED TeraSync??DDR/SDR FIFO 20-BIT/10-BIT CONFIGURATION
IDT72T36105 IDT-IDT72T36105 Datasheet
359Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
logo
Renesas Technology Corp
IDT72T36105 RENESAS-IDT72T36105 Datasheet
475Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
JUNE 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com